Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR2406-DEV-BOARD Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATR2406-DEV-BOARD
Description  Low-IF 2.4-GHz ISM Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-BOARD Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATR2406-DEV-BOARD Datasheet HTML 6Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 7Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 8Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 9Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 10Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 11Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 12Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 13Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
4779L–ISM–09/06
ATR2406
Table 7-1 shows the LO frequencies for RX and TX in the 2.4-GHz ISM band. There are 95
channels available. Since the ATR2406 supports wideband modulation with 400-kHz devia-
tion, every second channel can be used without overlap in the spectrum.
7.1
TX Register Setting
The following 16-bit word has to be programmed for TX.
Note:
D12 and D13 are only relevant if ramping generator in conjunction with external PA is used, otherwise it can be programmed 0
or 1.
The VRAMP voltage is used to control the output power of an external power amplifier. The
voltage ramp is started with the TX_ON signal.
These bits are only relevant in TX mode.
Table 7-1.
LO Frequencies
Mode
f
IF /kHz
Channel
f
ANT /MHz
f
VCO / MHz divided by 2
S
MC
S
SC
N
TX
C0
2401.056
2401.056
86
27
2779
C1
2401.920
2401.920
86
28
2780
...
...
...
...
...
...
C93
2481.408
2481.408
89
24
2872
C94
2482.272
2482.272
89
25
2873
RX
864
C0
2401.056
2401.920
86
28
2780
C1
2401.920
2402.784
86
29
2781
...
...
...
...
...
...
C93
2481.408
2482.272
89
25
2873
C94
2482.272
2483.136
89
26
2874
MSB
LSB
Data bits
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
01
PA
GFCS
1
RC
MC
SC
Table 7-2.
Output Power Settings with Bits D12 - D13
PA (Output Power Settings)
D13
D12
RAMP_OUT (Pin 21)
0
0
1.3V
0
1
1.35V
1
0
1.4V
1
1
1.75V


Similar Part No. - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
More results

Similar Description - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806 Datasheet
172Kb / 3P
   LOW IF WDCT 2.4 GHz TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806_05 Datasheet
182Kb / 3P
   Low IF WDCT 2.4 GHz Transceiver
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com