Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2183111021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2183111021
Description  MINI-FIT SIGMA 2CKT R-S 150MM DISC Sn
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2183111021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2183111021 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FORMAT: master-tb-prod-A4
REVISION: J
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2021/05/26
10:03:48
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
DIMENSION UNITS
SCALE
mm
NTS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
CURRENT REV DESC:
EC NO: 665152
DRWN:
ARAJU
2021/05/10
CHK'D:
RDESAI01
2021/05/26
APPR: RDESAI01
2021/05/26
INITIAL REVISION:
DRWN:
ARAJU
2021/05/10
APPR: RDESAI01
2021/05/26
THIRD ANGLE PROJECTION
DRAWING
SERIES
A4-SIZE 218311
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SEE TABLE
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
2183111021
PSD 000
A
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
1 OF 1
L1
L2
D
A
C
B
TABLE
PART NUMBER
L1
L2 (REF)
TITLE
2183111021
150±8
63
MINI-FIT SIGMA 2CKT R-S 150MM DISC Sn
2183111022
300±10
138
MINI-FIT SIGMA 2CKT R-S 300MM DISC Sn
2183111023
600±10
288
MINI-FIT SIGMA 2CKT R-S 600MM DISC Sn
FROM TO
DESCRIPTION
COLOR
A1
--
1X16AWG DISC MPPE BK UL11028 HKUP
BLACK
A2
--
1X16AWG DISC MPPE BK UL11028 HKUP
BLACK
ITEM
PART#
DESCRIPTION
QTY
UOM
A
1727081002
MINI-FIT SIGMA DR REC HSG 2X1CKT
1
PC
B
1727092001
MINI-FIT SIGMA TPA 1CKT
2
PC
C
1727181121 MINIFIT TPA 2.0 CRP TERM BRAS 16AWG S CN
2
PC
D
--
PAPER PRINTED PAPER WHITE
1
PC
DETAIL A
MOLEX P/N
MOLEX
BATCH WK/YR
5±1
1
2
SEE DETAIL A
REVISION
DATE
REV
DESCRIPTION
CHANGER
10/05/2021
A
INITIAL RELEASE
ARAJU
NOTES
1. Free ends must be stripped, twisted & tinned. The length of
tinning is 5±
1mm. Tinning dia must be 1.9mm Max.
2. Connector view shown is from mating side.
3. Label text must be 2mm max. in height with Arial font.
4. Label must be wrapped in Flag type on a single cable.
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
5
6
6


Similar Part No. - 2183111021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2183111041 MOLEX-2183111041 Datasheet
96Kb / 1P
MINI-FIT SIGMA 4CKT R-S 150MM DISC Sn
2021/05/26
2183111042 MOLEX-2183111042 Datasheet
96Kb / 1P
MINI-FIT SIGMA 4CKT R-S 150MM DISC Sn
2021/05/26
2183111043 MOLEX-2183111043 Datasheet
96Kb / 1P
MINI-FIT SIGMA 4CKT R-S 150MM DISC Sn
2021/05/26
More results

Similar Description - 2183111021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2174651021 MOLEX-2174651021 Datasheet
265Kb / 1P
ULTRA-FIT SR R-R 2CKT 150MM DISC Sn
2021/01/22
2174661021 MOLEX-2174661021 Datasheet
267Kb / 1P
ULTRA-FIT SR R-S 2CKT 150MM DISC Sn
2021/01/22
2183101021 MOLEX-2183101021 Datasheet
101Kb / 1P
MINI-FIT SIGMA 2CKT R-R 150MM DISC Sn
2021/05/26
2183111041 MOLEX-2183111041 Datasheet
96Kb / 1P
MINI-FIT SIGMA 4CKT R-S 150MM DISC Sn
2021/05/26
2240851022 MOLEX-2240851022 Datasheet
100Kb / 1P
Mini-Fit Max R-R 2ckt 150mm disc Sn
2023/04/13
2240861022 MOLEX-2240861022 Datasheet
100Kb / 1P
Mini-Fit Max R-S 2ckt 150mm disc Sn
2023/04/13
2240901022 MOLEX-2240901022 Datasheet
100Kb / 1P
KK Plus250 R-S 2ckt 150mm disc Sn
2023/03/23
2240941022 MOLEX-2240941022 Datasheet
102Kb / 1P
Mini-Fit Versa R-R 2ckt 150mm disc Sn
2023/02/06
2240951022 MOLEX-2240951022 Datasheet
102Kb / 1P
Mini-Fit Versa R-S 2ckt 150mm disc Sn
2023/02/06
2244831022 MOLEX-2244831022 Datasheet
102Kb / 1P
MicroTPA 2.0 R-S 2ckt 150mm disc Sn
2023/02/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com