Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S370 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S370
Description  UNIVERSAL DEMULTIPLEXER/DECODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S370 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S370_06 Datasheet HTML 1Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 2Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 3Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 4Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 5Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 6Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 7Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SY100S370
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
Ana, Anb
Address Inputs (n = 0,1,2)
Ena, Enb
Enable Inputs (n = 1,2)
M
Mode Control Input
Ha
Z0 – Z3 (Z0a – Z3a) Polarity Select Input
Hb
Z4 – Z7 (Z0b – Z3b) Polarity Select Input
Hc
Common Polarity Select Input
Z0 – Z7
Single 1-of-8 Data Outputs
Zna, Znb
Dual 1-of-4 Data Outputs (n = 1...4)
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
SY100S370
UNIVERSAL
DEMULTIPLEXER/
DECODER
FEATURES
s Max. propagation delay of 1200ps
s IEE min. of –92mA
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for improved
noise immunity
s Internal 75K
input pull-down resistors
s 60% faster than National or Signetics
s Approximately 40% lower power than Fairchild
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
DESCRIPTION
The SY100S370 is a universal demultiplexer/decoder
that can be used as either a dual 1-of-4 decoder or as a
single 1-of-8 decoder and is designed for use in high-
performance ECL systems. The Mode control (M) input
determines the function. In the dual 1-of-4 mode, each 4-
input group has a pair of active-LOW Enable (E) inputs.
The Enable pins are assigned such that in the single 1-of-
8 mode they can be tied together in pairs to result in two
active-LOW Enable inputs. E1a will be tied to E1b and E2a
to E2b.
The auxiliary inputs (Hn) are used to determine whether
the outputs are active-HIGH or active-LOW. The address
inputs for the dual 1-of-4 mode are A0a, A1a, A0b. A2a is
unused. In the 1-of-8 mode, the address inputs are A0a,
A1a, A2a. The inputs on the device have 75K
Ω pull-down
resistors.
PIN NAMES
Rev.: H
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY100S370_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370_07 Datasheet
74Kb / 5P
   UNIVERSAL DEMULTIPLEXER/ DECODER
More results

Similar Description - SY100S370_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370_07 Datasheet
74Kb / 5P
   UNIVERSAL DEMULTIPLEXER/ DECODER
SY100S370 MICREL-SY100S370 Datasheet
113Kb / 7P
   UNIVERSAL DEMULTIPLEXER/ DECODER
logo
Fairchild Semiconductor
100370 FAIRCHILD-100370 Datasheet
82Kb / 8P
   Low Power Universal Demultiplexer/Decoder
logo
National Semiconductor ...
100370 NSC-100370 Datasheet
144Kb / 8P
   Low Power Universal Demultiplexer/Decoder
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
DM74LS138 FAIRCHILD-DM74LS138 Datasheet
81Kb / 7P
   Decoder/Demultiplexer
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com