Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S370 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100S370
Description  UNIVERSAL DEMULTIPLEXER/DECODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S370 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100S370_06 Datasheet HTML 1Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 2Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 3Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 4Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 5Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 6Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 7Page - Micrel Semiconductor SY100S370_06 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SY100S370
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
PLCC
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
1300
300
1300
300
1300
ps
tPHL
Ena, Enb to Output
tPLH
Propagation Delay
500
1600
500
1600
500
1600
ps
tPHL
Ana, Anb to Output
tPLH
Propagation Delay
500
1600
500
1600
500
1600
ps
tPHL
Ha, Hb, Hc to Output
tPLH
Propagation Delay
600
2100
600
2100
600
2100
ps
tPHL
M to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
1200
300
1200
300
1200
ps
tPHL
Ena, Enb to Output
tPLH
Propagation Delay
500
1500
500
1500
500
1500
ps
tPHL
Ana, Anb to Output
tPLH
Propagation Delay
500
1500
500
1500
500
1500
ps
tPHL
Ha, Hb, Hc to Output
tPLH
Propagation Delay
600
2100
600
2100
600
2100
ps
tPHL
M to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%


Similar Part No. - SY100S370_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370_07 Datasheet
74Kb / 5P
   UNIVERSAL DEMULTIPLEXER/ DECODER
More results

Similar Description - SY100S370_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370_07 Datasheet
74Kb / 5P
   UNIVERSAL DEMULTIPLEXER/ DECODER
SY100S370 MICREL-SY100S370 Datasheet
113Kb / 7P
   UNIVERSAL DEMULTIPLEXER/ DECODER
logo
Fairchild Semiconductor
100370 FAIRCHILD-100370 Datasheet
82Kb / 8P
   Low Power Universal Demultiplexer/Decoder
logo
National Semiconductor ...
100370 NSC-100370 Datasheet
144Kb / 8P
   Low Power Universal Demultiplexer/Decoder
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
DM74LS138 FAIRCHILD-DM74LS138 Datasheet
81Kb / 7P
   Decoder/Demultiplexer
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com