Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7531 Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD7531
Description  Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7531 Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD7531 Datasheet HTML 5Page - Leadtrend Technology LD7531 Datasheet HTML 6Page - Leadtrend Technology LD7531 Datasheet HTML 7Page - Leadtrend Technology LD7531 Datasheet HTML 8Page - Leadtrend Technology LD7531 Datasheet HTML 9Page - Leadtrend Technology LD7531 Datasheet HTML 10Page - Leadtrend Technology LD7531 Datasheet HTML 11Page - Leadtrend Technology LD7531 Datasheet HTML 12Page - Leadtrend Technology LD7531 Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LD7531
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7531-DS-00 June 2008
S
)
MAX
(
PEAK
R
V
85
.
0
I
=
R1
OUT
CS
VCC
GND
LD7531
C1
Cbulk
D1
Rs
Comp
Vin
Fig. 15
A 190nS leading-edge blanking (LEB) time is included in the
input of CS pin to prevent the false-trigger from the current
spike. In the low power application, if the total pulse width of
the turn-on spikes is less than 190nS and the negative spike
on the CS pin doesn’t exceed -0.3V, it could eliminated the
R-C filter (as shown in the figure16).
However, the total pulse width of the turn-on spike is
decided by the output power, circuit design and PCB layout.
It is strongly recommended to adopt a smaller R-C filter (as
shown in figure 17) for higher power application to avoid the
CS pin being damaged by the negative turn-on spike.
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer, with typical 500mA
driving capability, is incorporated to drive a power MOSFET
directly. And the maximum duty-cycle of LD7531 is limited
to 75% to avoid the transformer saturation.
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431 at
the secondary side through the photo-coupler to the COMP
pin of the LD7531. Similar to UC3842, the LD7531 would
carry 2 diodes voltage offset at the stage to feed the voltage
divider at the ratio of 1/3, that is,
)
V
2
V
(
3
1
V
F
COMP
)
PWM
(
COMPARATOR
×
=
A pull-high resistor is embedded internally and can be
eliminated externally.
Fig. 16
Fig. 17


Similar Part No. - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7530 LEADTREND-LD7530 Datasheet
340Kb / 19P
   Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
12/5/2007
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GL LEADTREND-LD7536GL Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GN LEADTREND-LD7536GN Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results

Similar Description - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
   Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
   Green-Mode PWM Controller with Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com