Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7531 Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD7531
Description  Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7531 Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD7531 Datasheet HTML 4Page - Leadtrend Technology LD7531 Datasheet HTML 5Page - Leadtrend Technology LD7531 Datasheet HTML 6Page - Leadtrend Technology LD7531 Datasheet HTML 7Page - Leadtrend Technology LD7531 Datasheet HTML 8Page - Leadtrend Technology LD7531 Datasheet HTML 9Page - Leadtrend Technology LD7531 Datasheet HTML 10Page - Leadtrend Technology LD7531 Datasheet HTML 11Page - Leadtrend Technology LD7531 Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LD7531
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7531-DS-00 June 2008
Application Information
Operation Overview
The LD7531 meets the green-power requirement and is
intended for the use in those modern switching power
suppliers and adaptors which demand higher power
efficiency and power-saving. It integrated more functions to
reduce the external components counts and the size. Its
major features are described as below.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage on the VCC pin. It would assure the supply voltage
enough to turn on the LD7531 PWM controller and further to
drive the power MOSFET.
As shown in Fig. 13, a
hysteresis is built in to prevent the shutdown from the
voltage dip during startup.
The turn-on and turn-off
threshold level are set at 16.0V and 10.0V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
startup current
(~uA)
operating current
(~ mA)
Fig. 13
Startup Current and Startup Circuit
The typical startup circuit to generate the LD7531 Vcc is
shown in Fig. 14. During the startup transient, the Vcc is
lower than the UVLO threshold thus there is no gate pulse
produced from LD7531
to drive power MOSFET.
Therefore, the current through R1 will provide the startup
current and to charge the capacitor C1. Whenever the Vcc
voltage is high enough to turn on the LD7531 and further to
deliver the gate drive signal, the supply current is provided
from the auxiliary winding of the transformer.
Lower
startup current requirement on the PWM controller will help
to increase the value of R1 and then reduce the power
consumption on R1. By using CMOS process and the
special circuit design, the maximum startup current of
LD7531 is only 20
μA.
If a higher resistance value of the R1 is chosen, it usually
takes more time to start up. To carefully select the value of
R1 and C1 will optimize the power consumption and startup
time.
Fig. 14
Current Sensing and Leading-edge Blanking
The typical current mode of PWM controller feedbacks both
current signal and voltage signal to close the control loop
and achieve regulation. As shown in Fig. 15, the LD7531
detects the primary MOSFET current from the CS pin, which
is not only for the peak current mode control but also for the
pulse-by-pulse
current limit. The maximum voltage
threshold of the current sensing pin is set at 0.85V. From
above, the MOSFET peak current can be obtained from
below.


Similar Part No. - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7530 LEADTREND-LD7530 Datasheet
340Kb / 19P
   Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
12/5/2007
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GL LEADTREND-LD7536GL Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GN LEADTREND-LD7536GN Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results

Similar Description - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
   Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
   Green-Mode PWM Controller with Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com