Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7531 Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7531
Description  Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7531 Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7531 Datasheet HTML 1Page - Leadtrend Technology LD7531 Datasheet HTML 2Page - Leadtrend Technology LD7531 Datasheet HTML 3Page - Leadtrend Technology LD7531 Datasheet HTML 4Page - Leadtrend Technology LD7531 Datasheet HTML 5Page - Leadtrend Technology LD7531 Datasheet HTML 6Page - Leadtrend Technology LD7531 Datasheet HTML 7Page - Leadtrend Technology LD7531 Datasheet HTML 8Page - Leadtrend Technology LD7531 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LD7531
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7531-DS-00 June 2008
Electrical Characteristics
(TA = +25
oC unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (Vcc Pin)
Startup Current
12
20
μA
VCOMP=0V
2.8
3.5
mA
VCOMP=3V
3.0
mA
Protection tripped (OLP)
0.45
mA
Operating Current
(with 1nF load on OUT pin)
Protection tripped (OVP)
0.5
mA
UVLO (off)
9.0
10.0
11.0
V
UVLO (on)
15.0
16.0
17.0
V
OVP Level
26.8
28.0
29.2
V
Voltage Feedback (Comp Pin)
Short Circuit Current
VCOMP=0V
1.3
2.2
mA
Open Loop Voltage
COMP pin open
5.9
V
Green Mode Threshold VCOMP
2.35
V
Current Sensing (CS Pin)
Maximum Input Voltage, Vcs(off)
0.80
0.85
0.90
V
Leading Edge Blanking Time
190
nS
Input impedance
1
M
Ω
Delay to Output
100
nS
Oscillator for Switching Frequency
Frequency
RT=100K
Ω
60
65
70
KHz
Green Mode Frequency
Fs=65kHz
21
KHz
Trembling Frequency
± 4.0
KHz
Temp. Stability
(-40
°C ~105°C)
5
%
Voltage Stability
(VCC=11V-25V)
1
%
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, Io=20mA
1
V
Output High Level
VCC=15V, Io=20mA
8
V
Rising Time
Load Capacitance=1000pF
170
350
nS
Falling Time
Load Capacitance=1000pF
50
100
nS
OLP (Over Load Protection)
OLP Trip Level
Vcomp (OLP)
5.0
V
OLP Delay Time
Fs=65kHz
50
mS
* RT value is in proportion to OLP delay time.


Similar Part No. - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7530 LEADTREND-LD7530 Datasheet
340Kb / 19P
   Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
12/5/2007
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GL LEADTREND-LD7536GL Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GN LEADTREND-LD7536GN Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results

Similar Description - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
   Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
   Green-Mode PWM Controller with Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com