Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7531 Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7531
Description  Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7531 Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7531 Datasheet HTML 1Page - Leadtrend Technology LD7531 Datasheet HTML 2Page - Leadtrend Technology LD7531 Datasheet HTML 3Page - Leadtrend Technology LD7531 Datasheet HTML 4Page - Leadtrend Technology LD7531 Datasheet HTML 5Page - Leadtrend Technology LD7531 Datasheet HTML 6Page - Leadtrend Technology LD7531 Datasheet HTML 7Page - Leadtrend Technology LD7531 Datasheet HTML 8Page - Leadtrend Technology LD7531 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LD7531
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7531-DS-00 June 2008
Absolute Maximum Ratings
Supply Voltage VCC
30V
COMP, RT, CS
-0.3 ~7V
OUT
-0.3 ~Vcc+0.3
Junction Temperature
150
°C
Operating Ambient Temperature
-40
°C to 85°C
Storage Temperature Range
-65
°C to 150°C
Package Thermal Resistance (SOT-26)
250
°C/W
Package Thermal Resistance (DIP-8)
100
°C/W
Power Dissipation (SOT-26, at Ambient Temperature = 85
°C)
250mW
Power Dissipation (DIP-8, at Ambient Temperature = 85
°C)
650mW
Lead temperature (Soldering, 10sec)
260
°C
ESD Voltage Protection, Human Body Model
3.0 KV
ESD Voltage Protection, Machine Model
300 V
Gate Output Current
300mA
Caution:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Supply Voltage Vcc
11
25
V
RT Value
50
130
K
Ω
Start-up resistor Value
1.2
4.4
M
Ω


Similar Part No. - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7530 LEADTREND-LD7530 Datasheet
340Kb / 19P
   Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
12/5/2007
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GL LEADTREND-LD7536GL Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GN LEADTREND-LD7536GN Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results

Similar Description - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
   Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
   Green-Mode PWM Controller with Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com