Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7531 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7531
Description  Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7531 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7531 Datasheet HTML 1Page - Leadtrend Technology LD7531 Datasheet HTML 2Page - Leadtrend Technology LD7531 Datasheet HTML 3Page - Leadtrend Technology LD7531 Datasheet HTML 4Page - Leadtrend Technology LD7531 Datasheet HTML 5Page - Leadtrend Technology LD7531 Datasheet HTML 6Page - Leadtrend Technology LD7531 Datasheet HTML 7Page - Leadtrend Technology LD7531 Datasheet HTML 8Page - Leadtrend Technology LD7531 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LD7531
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7531-DS-00 June 2008
Pin Configuration
DIP-8 (TOP VIEW)
SOT-26 (TOP VIEW)
YY,
Y : Year code (D: 2004, E: 2005…..)
WW, W: Week code
P
:
LD75..
(Product family code)
##
:
Production code
1
2
3
4
5
6
GND COMP RT
OUT
VCC
CS
WP
1
8
2
3
4
7
6
5
TOP MARK
YYWW##
Y The PB free package is
identified in embossed font
while green package in
regular print
Y
31
Ordering Information
Part number
Package
TOP MARK
Shipping
LD7531 GL
SOT-26
Green Package
YWP/31
3000 /tape & reel
LD7531 GN
DIP-8
Green Package
LD7531GN
3600 /tube /Carton
LD7531 PL
SOT-26
PB Free
YWP/31
3000 /tape & reel
LD7531 PN
DIP-8
PB Free
LD7531PN
3600 /tube /Carton
Note: The LD7531 is ROHS compliant/ Green package.
Pin Descriptions
PIN
(DIP-8)
PIN
(SOT-26)
NAME
FUNCTION
8
1
GND
Ground
7
2
COMP
Voltage feedback pin (same as the COMP pin in UC384X), By connecting
a photo-coupler to close the control loop and achieve the regulation.
5
3
RT
This pin is to program the switching frequency. By connecting a resistor
to ground to set the switching frequency.
4
4
CS
Current sense pin, connect to sense the MOSFET current
2
5
VCC
Supply voltage pin
1
6
OUT
Gate drive output to drive the external MOSFET


Similar Part No. - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7530 LEADTREND-LD7530 Datasheet
340Kb / 19P
   Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
12/5/2007
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GL LEADTREND-LD7536GL Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GN LEADTREND-LD7536GN Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results

Similar Description - LD7531

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
   Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
   Green-Mode PWM Controller with Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com