Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266SO16A Datasheet(PDF) 5 Page - Beken Corporation

Part # BK3266SO16A
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266SO16A Datasheet(HTML) 5 Page - Beken Corporation

  BK3266SO16A Datasheet HTML 1Page - Beken Corporation BK3266SO16A Datasheet HTML 2Page - Beken Corporation BK3266SO16A Datasheet HTML 3Page - Beken Corporation BK3266SO16A Datasheet HTML 4Page - Beken Corporation BK3266SO16A Datasheet HTML 5Page - Beken Corporation BK3266SO16A Datasheet HTML 6Page - Beken Corporation BK3266SO16A Datasheet HTML 7Page - Beken Corporation BK3266SO16A Datasheet HTML 8Page - Beken Corporation BK3266SO16A Datasheet HTML 9Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
BK3266 Datasheet
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 5 of 28
1.
General Description
The BK3266 is a low power, highly
integrated Bluetooth system on chip (SoC)
audio device. It integrates a high
performance Bluetooth RF transceiver,
feature rich baseband processor, FLASH
memory controller, multiple analog and
digital peripherals, and a Bluetooth software
stack including the audio, voice, and SPP
profiles.
The cache based architecture enables full
programmability with an SIP 8M FLASH
memory device and can be used for both
control and multimedia hybrid applications.
The internal dual stereo ADC converts
stereo analog input to digital signals that can
be processed with a digital equalizer.
Hardware realizations of the equalizer
offload the MCU making the chip ideal for
low power headset applications.
The device incorporates on-chip power
management with linear and switch-mode
buck regulators and also includes a 220 mA
internal battery charge controller to further
reduce external bill of material (BOM) costs.
1.1.
Features
Operation voltage from 2.8 V to 4.2 V
9 mA average current for A2DP
300 uA for 500 ms sniff current
0.8 uA deep sleep current
Bluetooth 4.2 classic and low energy
A2DP v1.3, AVRCP v1.6, HFP v1.7,
HID v1.1, AVCTP v1.4, AVDTP v1.3,
and SPP v1.2
True wireless stereo and two active link
Two wires UART download interface
16 bits stereo ADC and DAC
Stereo line in and dual microphone
Five bands digital hardware equalizer
SPI, UART, I2C, SDIO and USB
I2S master and slave interface with
MCLK output
Interface for external PA and LNA
Up to 220 mA battery charge controller
1.2.
Applications
Bluetooth stereo speaker
Bluetooth stereo headset
Bluetooth control and multimedia hybrid
DCO
LDOs
POR
Charge
Audio
DAC
Audio
ADC
32 bit
MCU
Reset
DMA
EQ
ADC
Data RAM
FLASH
SPI1
BIST
Bluetooth Transceiver
Dual Mode
3 Timers
Audio Digital Filter
USB
SD-Card
SPI2
Always on
Domain
ROSC
RTC
Watch
Dog
DPLL
D-Cache
I2C/
UART
FIR/FFT
GPIO
Retention
Regs
Temp. S
IrDA
6 PWMs
Figure 1. Block diagram of BK3266 Bluetooth Audio SoC


Similar Part No. - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
   Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com