Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266SO16A Datasheet(PDF) 17 Page - Beken Corporation

Part # BK3266SO16A
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266SO16A Datasheet(HTML) 17 Page - Beken Corporation

Back Button BK3266SO16A Datasheet HTML 13Page - Beken Corporation BK3266SO16A Datasheet HTML 14Page - Beken Corporation BK3266SO16A Datasheet HTML 15Page - Beken Corporation BK3266SO16A Datasheet HTML 16Page - Beken Corporation BK3266SO16A Datasheet HTML 17Page - Beken Corporation BK3266SO16A Datasheet HTML 18Page - Beken Corporation BK3266SO16A Datasheet HTML 19Page - Beken Corporation BK3266SO16A Datasheet HTML 20Page - Beken Corporation BK3266SO16A Datasheet HTML 21Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
BK3266 Datasheet
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 17 of 28
GPIO
Peripheral Mode
GPIO0
UART_TXD/I2C_SCL
GPIO1
UART_RXD/I2C_SDA
GPIO2
SPI_CSN/ADC1/IrDA/Capture Time
GPIO3
SPI_SCK/ADC2/CLKOUT
GPIO4
SPI_MOSI//I2C_SCL/Line in L
GPIO5
SPI_MISO//I2C_SDA/Line in R
GPIO6
PWM0 / USBP
GPIO7
PWM1 / USBN
GPIO8
SD_CLK//SPI2_SCK
GPIO9
SD_CMD/TX_EN/SPI2_MOSI
GPIO10 SD_DATA0/RX_EN/SPI2_MISO
GPIO11 JTAG_TCK/PWM2/ADC4/PCM_SYNC/SD_CLK//SPI2_SCK
GPIO12 JTAG_TMS/PWM3/PCM_CLK/SD_CMD/SPI2_MOSI
GPIO13 JTAG_TDI/PWM4/ADC6/PCM_DIN/SD_DATA0/SPI2_MISO
GPIO14 JTAG_TDO/PWM5/ADC7/PCM_DOUT
GPIO15 Shutdown IO (Shutdown mode, wake up by active high)
Table 4 GPIO Function Mapping
All GPIO pins can wake up the internal MCU from standby mode. In standby
mode, any level change on the set GPIO will trigger the wake up procedure.
In shutdown mode, system can be only waked up by GPIO15 high level.
3.12.
Timer and Watch Dog Timer
There are two sets of timers. One set (fast) uses 1 MHz clock as the main clock,
and another set (slow) uses divided 100 kHz clock as main clock. Each set has
three 16-bit counters with 4-bit pre-divider.
The watch dog timer runs from the RC 100 kHz clock and has a maximum
programmable period of up to 10.48 (2^16/100kHz * 16) seconds.
3.13.
PWM output
There are six PWM timers to provide six PWM output on GPIO. All the timers run
with the same frequency, which can be either 26 MHz clock or low power clock.
The PWM timer has 16 bit resolution, with 1~16 pre scalar.


Similar Part No. - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
   Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com