Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266SO16A Datasheet(PDF) 15 Page - Beken Corporation

Part # BK3266SO16A
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266SO16A Datasheet(HTML) 15 Page - Beken Corporation

Back Button BK3266SO16A Datasheet HTML 11Page - Beken Corporation BK3266SO16A Datasheet HTML 12Page - Beken Corporation BK3266SO16A Datasheet HTML 13Page - Beken Corporation BK3266SO16A Datasheet HTML 14Page - Beken Corporation BK3266SO16A Datasheet HTML 15Page - Beken Corporation BK3266SO16A Datasheet HTML 16Page - Beken Corporation BK3266SO16A Datasheet HTML 17Page - Beken Corporation BK3266SO16A Datasheet HTML 18Page - Beken Corporation BK3266SO16A Datasheet HTML 19Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
BK3266 Datasheet
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 15 of 28
3.5.5.
Stereo Audio L/R Outputs
BK3266 provides high fidelity stereo audio L/R outputs capable of driving 16
speakers with up to 30 pF of load capacitance.
3.6.
MCU
The BK3266 includes a 32-bit internal RISC MCU, memory and a DMA bus
controller to run the Bluetooth software stack and application while supporting
efficient execution and data exchange with the internal SIP FLASH memory. The
JTAG interface can be used for on-line debug and can also be configured as
GPIO.
3.7.
FLASH Access Interface
BK3266 internal RISC MCU operates with an external FLASH, which is used to
store program code, external settings and configurations, and can also be used
to store user data such as encryption key configuration and Bluetooth paring
information.
3.8.
Beken Bluetooth Software Stack
The BK3266 comes with Bluetooth version 4.2 + EDR compliant software stack
which run on the internal 32-bit RISC MCU. The SoC also runs the application
program removing the need for an external host controller. An external host can
be connected through the UART interface for debugging purposes but is not
needed to run the application. Beken Corporation provides a development kit
that customers can use to configure their applications. The development kit
includes a software configuration tool and reference software code for stereo-
mode Bluetooth speakers and hands-free operation. The interested reader is
encouraged to contact their local Beken Corporation representative for more
information.
3.9.
Crystal Oscillator
BK3266 contains an integrated crystal oscillator driver circuit to drive an external
26 MHz crystal. The 26 MHz crystal frequency provides the reference frequency
to the frequency synthesizer and can also be selected as the reference clock to
the internal MCU.
If an external reference clock is used, the clock input should be applied to the XI
pin. Care must be taken to not overdrive the XI input with a voltage above 3.6 V.


Similar Part No. - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
Digital Audio SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com