Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266SO16A Datasheet(PDF) 13 Page - Beken Corporation

Part # BK3266SO16A
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266SO16A Datasheet(HTML) 13 Page - Beken Corporation

Back Button BK3266SO16A Datasheet HTML 9Page - Beken Corporation BK3266SO16A Datasheet HTML 10Page - Beken Corporation BK3266SO16A Datasheet HTML 11Page - Beken Corporation BK3266SO16A Datasheet HTML 12Page - Beken Corporation BK3266SO16A Datasheet HTML 13Page - Beken Corporation BK3266SO16A Datasheet HTML 14Page - Beken Corporation BK3266SO16A Datasheet HTML 15Page - Beken Corporation BK3266SO16A Datasheet HTML 16Page - Beken Corporation BK3266SO16A Datasheet HTML 17Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
BK3266 Datasheet
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 13 of 28
on-chip balun which transforms the single-ended RF signal from the antenna
through pin, RFP_BT, into an internal differential balanced signal for the low
noise amplifier (LNA). On the transmit side, the differential outputs of the power
amplifier (PA) are combined and transformed to a single-ended output using the
same on-chip balun thus enabling only one RF pin connection to the antenna for
both transmit and receive operations. The device is able to output +8 dBm of
transmit output power allowing users to develop a class 2 (+4 dBm) device with
small printed circuit board (PCB) antenna. The frequency synthesizer is fully
integrated and does not require any external components.
3.4.
Bluetooth Baseband
The BK3266 Bluetooth baseband implements the Bluetooth version 4.2
Enhanced Data Rate (EDR) modem providing Basic Data Rate (BDR) 1 Mbps as
well as the enhanced 2 Mbps, and 3 Mbps data rates.
Data Rate
Modulation
Bits/Symbol
BDR: 1 Mbps
GFSK
1
EDR: 2 Mbps
π/4 DQPSK
2
EDR: 3 Mbps
8 DPSK
3
Table 4. BK3266 Bluetooth Modulation Formats
The Bluetooth baseband utilizes a combination of both hardware blocks and
firmware for the frequency hopping sequence generator, access code generation,
detection, and correlation, encryption and decryption for security, forward error
correction, 16-bit CRC, packet construction, and Bluetooth clocks and timers to
optimize for power consumption and user programmability.
3.5.
Audio Peripherals
The BK3266 comes with a rich set of audio peripherals to enhance the Bluetooth
listening experience. The chip includes a 5-band digital equalizer, 96 dB signal-
to-noise ratio (SNR) stereo analog-to-digital converter (ADC) and digital-to-
analog converter (DAC), microphone input amplifier and bias, line-in input, and
stereo audio left and right (L/R) outputs.
3.5.1.
5 – Band Digital Equalizer
A dedicated 5-band digital equalizer is implemented prior to digital-to-analog
conversion to give users the option of customizing the frequency response of the
audio output. The equalizer is implemented in hardware to reduce overall chip
power consumption. The 5-band equalizer is easily configured using the BK3266


Similar Part No. - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com