Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266SO16A Datasheet(PDF) 10 Page - Beken Corporation

Part # BK3266SO16A
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266SO16A Datasheet(HTML) 10 Page - Beken Corporation

Back Button BK3266SO16A Datasheet HTML 6Page - Beken Corporation BK3266SO16A Datasheet HTML 7Page - Beken Corporation BK3266SO16A Datasheet HTML 8Page - Beken Corporation BK3266SO16A Datasheet HTML 9Page - Beken Corporation BK3266SO16A Datasheet HTML 10Page - Beken Corporation BK3266SO16A Datasheet HTML 11Page - Beken Corporation BK3266SO16A Datasheet HTML 12Page - Beken Corporation BK3266SO16A Datasheet HTML 13Page - Beken Corporation BK3266SO16A Datasheet HTML 14Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Low Power Bluetooth Audio SoC
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 10 of 28
PI
N
Name
Description
1
GPIO2
GPIO2, SPI_CSN/ADC1/IrDA/Capture Time
2
GPIO14
GPIO14, JTAG_TDO/PWM5/ADC7/PCM_DOUT
3
GPIO13
GPIO13,
JTAG_TDI/PWM4/ADC6/PCM_DIN/SD_DATA0/SPI2_
MISO
4
RF
RF port
5
GPIO10
GPIO10, SD_DATA0/RX_EN/SPI2_MISO
6
GPIO0_TXD
GPIO0, UART_TXD/I2C_SCL, Download port
7
GPIO1_RXD
GPIO1, UART_RXD/I2C_SDA, Download port
8
GPIO9
GPIO9, SD_CMD/TX_EN/SPI2_MOSI
9
GPIO4
GPIO4, SPI_MOSI//I2C_SCL
10
GPIO5
GPIO5, SPI_MOSI//I2C_SCL
11
GPIO8
GPIO8, SD_CLK//SPI2_SCK
12
GPIO15
GPIO15, Soft shut down and wake up (active high)
13
GPIO3
GPIO3, SPI_SCK/ADC2/CLKOUT
14
GPIO11
GPIO11,
JTAG_TCK/PWM2/ADC4/PCM_SYNC/SD_CLK//SPI2_
SCK
15
GPIO12
GPIO12,
JTAG_TMS/PWM3/PCM_CLK/SD_CMD/SPI2_MOSI
16
VDDDIG
Digital LDO output
17
SWD
Buck component
18
GND
Ground
19
SWA
Buck component
20
VDDANA
Analog LDO output
21
VCC4BAT
Battery input
22
VCC3SYS
System LDO output
23
VCC5USB
USB charge power input
24
VDDALON
Always on power supply
25
VDDIO3VFLA
FLASH power supply
26
AUDRP
Audio right channel positive
27
AUDRN
Audio right channel negative
28
AUDLN
Audio left channel negative
29
AUDLP
Audio left channel positive
30
VCOM
Common mode voltage for audio output
31
MICREF
Microphone reference voltage
32
MICRN
Microphone input negative
33
MICRP
Microphone input positive
34
LINEL
Line left channel input
35
LINER
Line right channel input
36
USBDN
GPIO7, PWM1 / USBN
37
USBDP
GPIO6, PWM0 / USBP
38
VDDBT
Bluetooth RF LDO output


Similar Part No. - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
   Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com