Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266SO16A Datasheet(PDF) 8 Page - Beken Corporation

Part # BK3266SO16A
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266SO16A Datasheet(HTML) 8 Page - Beken Corporation

Back Button BK3266SO16A Datasheet HTML 4Page - Beken Corporation BK3266SO16A Datasheet HTML 5Page - Beken Corporation BK3266SO16A Datasheet HTML 6Page - Beken Corporation BK3266SO16A Datasheet HTML 7Page - Beken Corporation BK3266SO16A Datasheet HTML 8Page - Beken Corporation BK3266SO16A Datasheet HTML 9Page - Beken Corporation BK3266SO16A Datasheet HTML 10Page - Beken Corporation BK3266SO16A Datasheet HTML 11Page - Beken Corporation BK3266SO16A Datasheet HTML 12Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Low Power Bluetooth Audio SoC
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 8 of 28
BK3266
TSSOP28
MICRP
VDDIO3VFLA
USBDP_GPIO6
XI
XO
VDDBT
GND
GPIO3_ADC2
RF
GPIO2
GPIO1_RXD
AUDRP
USBDN_GPIO7
GPIO12_SD_CMD
GPIO11_SD_CLK
AUDLP
GPIO13_SD_DATA0
GPIO15
GPIO0_TXD
LINER
LINEL
VDDANA
VCC4BAT
VCOM
VCC3SYS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15 VDDDIG
VDDALON
MICRN
Figure 3 TSSOP28 Package
Table 2 Pin Description of 28-Pin Package
PI
N
Name
Description
1
GPIO7_USBDN
GPIO7, PWM1 / USBN
2
GPIO6_USBDP
GPIO6, PWM0 / USBP
3
VDDBT
Bluetooth RF LDO output
4
XO
Crystal output
5
XI
Crystal input
6
GND
Ground
7
RF
RF port
8
GPIO0_TXD
GPIO0, UART_TXD/I2C_SCL, Download port
9
GPIO1_RXD
GPIO1, UART_RXD/I2C_SDA, Download port
10
LINER
Line in L
11
LINEL
Line in R
12
GPIO2
GPIO2, SPI_CSN/ADC1/IrDA/Capture Time
13
GPIO15
GPIO15, Soft shut down and wake up (active high)
14
GPIO3_ADC2
GPIO3, SPI_SCK/ADC2/CLKOUT
15
VDDDIG
Digital LDO output
16
VDDANA
Analog LDO output
17
VCC4BAT
Battery input


Similar Part No. - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
   Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com