Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266QN40 Datasheet(PDF) 9 Page - Beken Corporation

Part # BK3266QN40
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266QN40 Datasheet(HTML) 9 Page - Beken Corporation

Back Button BK3266QN40 Datasheet HTML 5Page - Beken Corporation BK3266QN40 Datasheet HTML 6Page - Beken Corporation BK3266QN40 Datasheet HTML 7Page - Beken Corporation BK3266QN40 Datasheet HTML 8Page - Beken Corporation BK3266QN40 Datasheet HTML 9Page - Beken Corporation BK3266QN40 Datasheet HTML 10Page - Beken Corporation BK3266QN40 Datasheet HTML 11Page - Beken Corporation BK3266QN40 Datasheet HTML 12Page - Beken Corporation BK3266QN40 Datasheet HTML 13Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
BK3266 Datasheet
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 9 of 28
18
VCC3SYS
System LDO output
19
VDDALON
Always on power supply
20
VDDIO3VFLA
FLASH power supply
21
MICRP
Microphone input positive
22
AUDRP
Audio right channel positive
23
AUDLP
Audio left channel positive
24
VCOM
Common mode decoupling capacitor
25
GPIO13_SD_DA
T0
GPIO13,
JTAG_TDI/PWM4/ADC6/PCM_DIN/SD_DATA0/SPI2_
MISO
26
MICRP
Microphone input negative
27
GPIO11_SD_CL
K
GPIO11,
JTAG_TCK/PWM2/ADC4/PCM_SYNC/SD_CLK//SPI2_
SCK
28
GPIO12_SD_CM
D
GPIO12,
JTAG_TMS/PWM3/PCM_CLK/SD_CMD/SPI2_MOSI
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
RF
GPIO1_RXD
GPIO13
GPIO0_TXD
GPIO14
1
2
3
4
5
6
7
8
30
29
28
27
26
25
24
23
4
0
3
9
3
8
3
7
3
6
3
5
3
4
3
3
BK3266
5x5 QFN40
Full Functional
GPIO10
GPIO9
VCC4BAT
VCC3SYS
VCC5USB
AUDRP
AUDRN
AUDLN
AUDLP
9
10
1
9
2
0
21
22
3
1
3
2
GPIO4
GPIO5
GPIO2
VDDALON
VCOM
VDDIO3VFLA
Figure 4 40-Pin QFN 5mmx5mm diagram
Table 3 Pin Description of 40-Pin Package


Similar Part No. - BK3266QN40

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266QN40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com