Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3254SS28 Datasheet(PDF) 12 Page - Beken Corporation

Part # BK3254SS28
Description  Bluetooth Multimedia SoC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3254SS28 Datasheet(HTML) 12 Page - Beken Corporation

Back Button BK3254SS28 Datasheet HTML 8Page - Beken Corporation BK3254SS28 Datasheet HTML 9Page - Beken Corporation BK3254SS28 Datasheet HTML 10Page - Beken Corporation BK3254SS28 Datasheet HTML 11Page - Beken Corporation BK3254SS28 Datasheet HTML 12Page - Beken Corporation BK3254SS28 Datasheet HTML 13Page - Beken Corporation BK3254SS28 Datasheet HTML 14Page - Beken Corporation BK3254SS28 Datasheet HTML 15Page - Beken Corporation BK3254SS28 Datasheet HTML 16Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
BK3254 Datasheet
v 0.5
© 2011 Beken Corporation
Proprietary and Confidential
Page 12 of 17
3.8.
SAR ADC and LED
The SAR ADC has 10-bit resolution, and the two LED drivers support up to 10
mA current.
3.9.
Audio Peripheral
There are one set of speech ADC with sample rate 8 kHz or 16 kHz. The DAC
have two channels for stereo application, with sample rate 8 kHz, 16 kHz, 44.1
kHz or 48 kHz.
There is also a stereo line in interface, to allow external stereo input passing
internal 31 dB programmable gains amplify to stereo output.
3.10.
USB
It supports USB 2.0 full speed, both host mode and device mode.
3.11.
Bluetooth and FM
It supports Bluetooth 2.1+EDR A2DP/AVRCP and HPF function. The FM receiver
supports 76~108 MHz stereo FM broadcasting.
4.
Electrical Characteristics
4.1.
Absolute Maximum Ratings
Parameter
Description
MIN
TYP
MAX
Unit
VCCBAT
Battery regulator Supply voltage
-0.3
3.3
5.5
V
PRX
RX input power
-
10
-
dBm
TSTR
Storage temperature range
-40
-
150
VCCIO
IO interface voltage
-0.3
2.8
4.2
V
4.2.
Recommended Operating Conditions
Parameter
Description
MIN
TYP
MAX
Unit
VCCBAT
Battery regulator Supply voltage
2.8
4.2
5.5
V
TOPR
Operation temperature range
-20
-
80
VCCIO
IO interface voltage
1.8
-
3.6
V


Similar Part No. - BK3254SS28

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3254SS28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Generalplus Technology ...
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
   Advanced Multimedia Processor SOC Solution
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
   Advanced Multimedia Processor SOC Solution
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com