Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266TS28 Datasheet(PDF) 22 Page - Beken Corporation

Part # BK3266TS28
Description  Bluetooth Audio SoC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266TS28 Datasheet(HTML) 22 Page - Beken Corporation

Back Button BK3266TS28 Datasheet HTML 18Page - Beken Corporation BK3266TS28 Datasheet HTML 19Page - Beken Corporation BK3266TS28 Datasheet HTML 20Page - Beken Corporation BK3266TS28 Datasheet HTML 21Page - Beken Corporation BK3266TS28 Datasheet HTML 22Page - Beken Corporation BK3266TS28 Datasheet HTML 23Page - Beken Corporation BK3266TS28 Datasheet HTML 24Page - Beken Corporation BK3266TS28 Datasheet HTML 25Page - Beken Corporation BK3266TS28 Datasheet HTML 26Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Low Power Bluetooth Audio SoC
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 22 of 28
4.9.
Typical Power Consumption
State
Description
MIN
TYP
MAX
Unit
Shut Down
Software sets device into shut down mode,
wake up from GPIO15
0.4
0.8
uA
Standby
Software sets device into standby mode,
wake up from GPIO and RTC timer
4
6
uA
Idle-Sniff
Idle state at Sniff mode
300
uA
Active (A2DP)
2DH5
9
mA
Active (HFP)
HV1
9.5
mA
4.10.
RF Characteristics
Parameter
Condition
MIN
TYP
MAX
Unit
Operate Frequency
2402~2480
2402
2480
MHz
RXSENS-1 Mbps
BER=0.001
-88
dBm
RXSENS-2 Mbps
BER=0.0001
-91
dBm
RXSENS-3 Mbps
BER=0.0001
-83
dBm
Maximum received signal
BER=0.001
0
dBm
Maximum RF transmit
power
8
dBm
RF Power Control Range
30
dB
4.11.
Audio Characteristics
Parameter
Condition
MIN
TYP
MAX
Unit
DAC Diff. Output
With 600ohm loading
1.1
Vrms
With 32ohm loading
-
-
Vrms
With 16ohm loading
0.9
Vrms
DAC Diff. Output THD
With 1.1Vrms@600ohm loading
75
dB
With 0.8Vrms@16ohm loading
75
dB
DAC output SNR
1 kHz sine wave
98
dB
DAC Sample Rate
8
48
kHz
ADC SNR
1 kHz sine wave
96
dB
ADC Sample Rate
8
48
kHz


Similar Part No. - BK3266TS28

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BK32001002 YAGEO-BK32001002 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
428Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
399Kb / 6P
SPARK GAP PROTECTORS
Jul. 04, 2023 V.1
BK32001102 YAGEO-BK32001102 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001102-M YAGEO-BK32001102-M Datasheet
428Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
More results

Similar Description - BK3266TS28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
Digital Audio SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com