Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266TS28 Datasheet(PDF) 19 Page - Beken Corporation

Part # BK3266TS28
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266TS28 Datasheet(HTML) 19 Page - Beken Corporation

Back Button BK3266TS28 Datasheet HTML 15Page - Beken Corporation BK3266TS28 Datasheet HTML 16Page - Beken Corporation BK3266TS28 Datasheet HTML 17Page - Beken Corporation BK3266TS28 Datasheet HTML 18Page - Beken Corporation BK3266TS28 Datasheet HTML 19Page - Beken Corporation BK3266TS28 Datasheet HTML 20Page - Beken Corporation BK3266TS28 Datasheet HTML 21Page - Beken Corporation BK3266TS28 Datasheet HTML 22Page - Beken Corporation BK3266TS28 Datasheet HTML 23Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
BK3266 Datasheet
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 19 of 28
3.18.
IrDA interface
There is a hardware IrDA decoder interface to decode the signal. Also the
interface has the capture timer capability to allow software decoding the input
signal.
3.19.
I2S interface
The I2S interface supports both master and slave mode, with sample rate from
7.35 kHz to 96 kHz. The master clock can be output from GPIO3.


Similar Part No. - BK3266TS28

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266TS28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com