Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266TS28 Datasheet(PDF) 18 Page - Beken Corporation

Part # BK3266TS28
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266TS28 Datasheet(HTML) 18 Page - Beken Corporation

Back Button BK3266TS28 Datasheet HTML 14Page - Beken Corporation BK3266TS28 Datasheet HTML 15Page - Beken Corporation BK3266TS28 Datasheet HTML 16Page - Beken Corporation BK3266TS28 Datasheet HTML 17Page - Beken Corporation BK3266TS28 Datasheet HTML 18Page - Beken Corporation BK3266TS28 Datasheet HTML 19Page - Beken Corporation BK3266TS28 Datasheet HTML 20Page - Beken Corporation BK3266TS28 Datasheet HTML 21Page - Beken Corporation BK3266TS28 Datasheet HTML 22Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Low Power Bluetooth Audio SoC
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 18 of 28
3.14.
I2C and UART Interface
There is an I2C interface or UART interface for debug or external MCU control of
the BK3266. They both share the same pins GPIO0 and GPIO1.
The I2C clock rate can be from 12 to 3072 divided frequency from 26 MHz clock.
The UART clock rate can be from 3.2 kHz to 6.5 MHz.
3.15.
SPI Interface
The 4-wire SPI interface supports high speed data communication which can be
used as an interface for an external memory or LCD controller.
The SPI clock rate is from 50.8 kHz to 6.5 MHz when acts as master, and can be
6.5 MHz maximum as slave.
3.16.
General Purpose SAR ADC
The general purpose SAR ADC has 10-bit resolution with a programmable
sampling rate range from 5 kHz up to 50 kHz and is used to measure DC and low
frequency voltages. The input voltage range for the ADC is from 0V to 3V. The
general purpose ADC has six channels as shown in Table 5.
Channel Number Detected Voltage Description
0
VCCBAT
Monitor battery voltage(0.65*VBAT)
1
GPIO2
GPIO2 voltage
2
GPIO3
GPIO3 voltage
3
VCC5USB
Monitor USB voltage(0.5*VUSB)
4
GPIO11
GPIO11 voltage
5
Temp-Sensor
Temp-Sensor Output voltage
6
GPIO13
GPIO13 voltage
7
GPIO14
GPIO14 voltage
Table 5 ADC Channel Table
3.17.
SDIO Card Interface and USB interface
BK3266 includes a secure digital input output (SDIO) card interface. It supports
either 1-bit mode, 2-bit mode or 4-bit mode. The initial clock rate is 203.125 kHz
and can be up to 13 MHz.
The USB interface support both host and device mode, with full speed.


Similar Part No. - BK3266TS28

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266TS28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
   Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com