Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266TS28 Datasheet(PDF) 16 Page - Beken Corporation

Part # BK3266TS28
Description  Bluetooth Audio SoC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266TS28 Datasheet(HTML) 16 Page - Beken Corporation

Back Button BK3266TS28 Datasheet HTML 12Page - Beken Corporation BK3266TS28 Datasheet HTML 13Page - Beken Corporation BK3266TS28 Datasheet HTML 14Page - Beken Corporation BK3266TS28 Datasheet HTML 15Page - Beken Corporation BK3266TS28 Datasheet HTML 16Page - Beken Corporation BK3266TS28 Datasheet HTML 17Page - Beken Corporation BK3266TS28 Datasheet HTML 18Page - Beken Corporation BK3266TS28 Datasheet HTML 19Page - Beken Corporation BK3266TS28 Datasheet HTML 20Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Low Power Bluetooth Audio SoC
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 16 of 28
There is tunable load capacitance from 6 to 18 pF (both side have this
capacitance) with 64 steps to tune the crystal frequency, that no external
capacitance is needed.
3.10.
Power Management
The power management system on the BK3266 includes a battery charger, two
buck regulators which can be configured as low–drop out (LDO) regulators and
several internal LDO regulators to provide voltage and noise isolation to various
parts of the chip.
The BK3266 can be powered directly from a 2.8V to 4.2V external battery via the
VCC4BAT pin or it can be powered from a 4.75V to 5.75V USB power supply via
the VCC5USB pin. For battery powered applications, the BK3266 will generate
3.2V to the VCC3SYS pin using the SYS LDO regulator for the other of the chip
to run off of. When USB power is available, the BK3266 will get its power from
the USB power supply and will use the USB LDO regulator to generate 3.3V for
the rest of the system to run from. If a low voltage battery is connected while the
USB power supply is applied, the BK3266 will automatically charge the battery
using charge current control while providing power to the chip through the USB
LDO regulator.
When BUCK is enabled, the internal analog and digital buck regulators (BUCKA,
BUCKD) directly work under VBAT; The VCC3SYS regulated output voltage
serves as the voltage source to all others of the chip. The LDO regulators
(LDOA, LDOD, XTAL, Flash and digital) all use the VCC3SYS output voltage as
their input voltage. Outputs from the buck and LDO regulators require proper
bypass capacitors to reduce supply noise and these outputs are to be used only
by the BK3266. Please refer to the BK3266 EVB Users Guide or application note
for more details about choosing the proper bypass capacitors.
Also one BUCK mode is available. In this condition, BUCKA is on, and BUCKD
is off; and LDOD is work under output of BUCKA.
The two on-chip buck converters reduce the current consumption by about 50%
and thus provide a significant improvement in overall chip power consumption.
The BK3266 can enter standby mode when there is no active connection. The
standby mode can be awakened by any GPIO signal and by applying the USB
power supply.
3.11.
GPIO and LED Driver
The BK3266 has a total 16 GPIOs, which can be configured as either input or
output. Most of them have a second function as shown below:


Similar Part No. - BK3266TS28

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BK32001002 YAGEO-BK32001002 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
428Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
399Kb / 6P
SPARK GAP PROTECTORS
Jul. 04, 2023 V.1
BK32001102 YAGEO-BK32001102 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001102-M YAGEO-BK32001102-M Datasheet
428Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
More results

Similar Description - BK3266TS28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
Digital Audio SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com