Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3254SS28 Datasheet(PDF) 9 Page - Beken Corporation

Part # BK3254SS28
Description  Bluetooth Multimedia SoC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3254SS28 Datasheet(HTML) 9 Page - Beken Corporation

Back Button BK3254SS28 Datasheet HTML 5Page - Beken Corporation BK3254SS28 Datasheet HTML 6Page - Beken Corporation BK3254SS28 Datasheet HTML 7Page - Beken Corporation BK3254SS28 Datasheet HTML 8Page - Beken Corporation BK3254SS28 Datasheet HTML 9Page - Beken Corporation BK3254SS28 Datasheet HTML 10Page - Beken Corporation BK3254SS28 Datasheet HTML 11Page - Beken Corporation BK3254SS28 Datasheet HTML 12Page - Beken Corporation BK3254SS28 Datasheet HTML 13Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BK3254 Datasheet
v 0.5
© 2011 Beken Corporation
Proprietary and Confidential
Page 9 of 17
9
VREF1AUD
Audio reference; Connected to 4.7uF decoupling cap for
high audio quality
10
FMINP
FM input positive
11
FMGND
GND of FM
12
MICINP
Microphone input positive
13
USBP(GPIO2)
USB positive or GPIO 2
14
USBN(GPIO3)
USB negative or GPIO 3
15
GPIO22
GPIO 22
16
VDD3IO_FLA
LDO output for FLASH, 3 V by default, local 1uF decoupling
cap
17
VCC4BAT
Battery power input, 2.8 V ~ 5.5 V
18
VSYS3V2
LDO output 3.2 V
19
VDD12
LDO output 1.2 V; Connected to 1uF Decoupling cap
20
GPIO19(JTMS)
GPIO 19
21
GPIO18(JTCK)
GPIO 18
22
GPIO21(JTDO)
GPIO 21
23
GPIO20(JTDI)
GPIO 20
24
GPIO14
GPIO 14
25
GPIO13
GPIO 13
26
GPIO12
GPIO 12
27
VCC3XTAL
XTAL power supply, local 1uF decoupling cap
28
XO
XTAL output
29
XI
XTAL input
30
VCCSD
LDO Output 2.9V; Local 1uF Decoupling cap
31
GPIO1
GPIO 1
32
GPIO0
GPIO 0


Similar Part No. - BK3254SS28

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3254SS28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Generalplus Technology ...
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
   Advanced Multimedia Processor SOC Solution
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
   Advanced Multimedia Processor SOC Solution
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com