Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3254QN48 Datasheet(PDF) 6 Page - Beken Corporation

Part # BK3254QN48
Description  Bluetooth Multimedia SoC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3254QN48 Datasheet(HTML) 6 Page - Beken Corporation

Back Button BK3254QN48 Datasheet HTML 2Page - Beken Corporation BK3254QN48 Datasheet HTML 3Page - Beken Corporation BK3254QN48 Datasheet HTML 4Page - Beken Corporation BK3254QN48 Datasheet HTML 5Page - Beken Corporation BK3254QN48 Datasheet HTML 6Page - Beken Corporation BK3254QN48 Datasheet HTML 7Page - Beken Corporation BK3254QN48 Datasheet HTML 8Page - Beken Corporation BK3254QN48 Datasheet HTML 9Page - Beken Corporation BK3254QN48 Datasheet HTML 10Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
BK3254 Datasheet
v 0.5
© 2011 Beken Corporation
Proprietary and Confidential
Page 6 of 17
BK3254
SSOP24
1
2
3
4
5
6
7
8
9
24
23
22
21
20
Table below has a pin description of the QFN 6x6 48-pin package, and for other
package the pin with the same name as QFN has the same function.
Table 1 Pin Description
Package
Pin #
Name
Description
1
GPIO0
GPIO 0
2
RSTN
Reset pin, active low
3
RFP_BT
Bluetooth RF Input and Output
4
VCCAUD
Audio power supply; Local 1uF decoupling cap
5
AUDIORP
Audio output right channel
6
AUDIOLP
Audio output left channel
7
GNDAUD
GND
8
LINR
Line input right channel
9
LINL
Line input left channel
10
MICINP
Microphone input positive
11
MICREF
Microphone input signal reference voltage
12
VREF1AUD
Audio reference; Connected to 4.7uF decoupling cap for
high audio quality
13
FMINP
FM input positive
14
FMINN
FM input negative


Similar Part No. - BK3254QN48

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3254QN48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Generalplus Technology ...
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
Advanced Multimedia Processor SOC Solution
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
Advanced Multimedia Processor SOC Solution
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com