Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3254 Datasheet(PDF) 13 Page - Beken Corporation

Part # BK3254
Description  Bluetooth Multimedia SoC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3254 Datasheet(HTML) 13 Page - Beken Corporation

Back Button BK3254 Datasheet HTML 9Page - Beken Corporation BK3254 Datasheet HTML 10Page - Beken Corporation BK3254 Datasheet HTML 11Page - Beken Corporation BK3254 Datasheet HTML 12Page - Beken Corporation BK3254 Datasheet HTML 13Page - Beken Corporation BK3254 Datasheet HTML 14Page - Beken Corporation BK3254 Datasheet HTML 15Page - Beken Corporation BK3254 Datasheet HTML 16Page - Beken Corporation BK3254 Datasheet HTML 17Page - Beken Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BK3254 Datasheet
v 0.5
© 2011 Beken Corporation
Proprietary and Confidential
Page 13 of 17
4.3.
Typical Power Consumption
State
Description
MIN
TYP
MAX
Unit
Shut down
Software shut down, wake up from
GPIO
30
uA
Bluetooth Idle-Sniff
Idle state at Sniff mode
3
mA
Active (A2DP)
3DH1
45
mA
Active (HFP)
HV1
50
mA
4.4.
Bluetooth Characteristics
Parameter
Condition
MIN
TYP
MAX
Unit
Operate Frequency
2402~2480
2402
2480
MHz
RXSENS-1 Mbps
BER=0.001
-90
dBm
RXSENS-2 Mbps
BER=0.0001
-92
dBm
RXSENS-3 Mbps
BER=0.0001
-84
dBm
Maximum received signal
BER=0.001
0
dBm
Maximum RF transmit
power
5
dBm
RF Power Control Range
30
dB
4.5.
Audio Characteristics
Parameter
Condition
MIN
TYP
MAX
Unit
DAC Output Amplitude
Single-end Output
1
Vrms
DAC Dynamic Range
1 kHz sine wave
90
dB
DAC Noise Floor
@600ohm loading
-89
dBm
DAC SNDR
Single-end@1.0Vrms
75
dB
DAC Sample Rate
8
48
kHz
ADC SNR
1 kHz sine wave
96
dB
ADC Sample Rate
8
16
kHz
5.
Application Schematic
It will be provided with separate document.
6.
About the Qualification
By carefully PCB layout, the BK3254 RF performance meets FCC, CE and BQB
requirement. The Bluetooth protocol and profile provided by Beken are already
qualified and listed in SIG website. If there is any end product listing requirement
with the BK3254, please inquire Beken for the related QDID authorization.


Similar Part No. - BK3254

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3254

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Generalplus Technology ...
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
   Advanced Multimedia Processor SOC Solution
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
   Advanced Multimedia Processor SOC Solution
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com