Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3254 Datasheet(PDF) 7 Page - Beken Corporation

Part # BK3254
Description  Bluetooth Multimedia SoC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3254 Datasheet(HTML) 7 Page - Beken Corporation

Back Button BK3254 Datasheet HTML 3Page - Beken Corporation BK3254 Datasheet HTML 4Page - Beken Corporation BK3254 Datasheet HTML 5Page - Beken Corporation BK3254 Datasheet HTML 6Page - Beken Corporation BK3254 Datasheet HTML 7Page - Beken Corporation BK3254 Datasheet HTML 8Page - Beken Corporation BK3254 Datasheet HTML 9Page - Beken Corporation BK3254 Datasheet HTML 10Page - Beken Corporation BK3254 Datasheet HTML 11Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BK3254 Datasheet
v 0.5
© 2011 Beken Corporation
Proprietary and Confidential
Page 7 of 17
15
USBP(GPIO2)
USB positive or GPIO 2
16
USBN(GPIO3)
USB negative or GPIO 3
17
GPIO22
GPIO 22
18
GPIO9
GPIO 9
19
GPIO8(HD_FLA)
FLASH hold signal
20
GPIO7(WP_FLA)
FLASH write protection
21
NC
NC
22
NC
NC
23
NC
GND
24
VDD3IO_FLA
LDO output for FLASH, 3 V by default, local 1uF decoupling
cap
25
VCC4BAT
Battery power input, 2.8 V ~ 5.5 V
26
VSYS3V2
LDO output 3.2 V
27
VDD12
LDO output 1.2 V; Connected to 1uF Decoupling cap
28
GPIO4(VADC)
GPIO4 or ADC input
29
GPIO11
GPIO 11
30
GPIO10
GPIO 10
31
GPIO19(JTMS)
GPIO 19
32
GPIO18(JTCK)
GPIO 18
33
GPIO21(JTDO)
GPIO 21
34
GPIO20(JTDI)
GPIO 20
35
GPIO17
GPIO 17
36
GPIO16
GPIO 16
37
GPIO15
GPIO 15
38
GPIO14
GPIO 14
39
GPIO13
GPIO 13
40
GPIO12
GPIO 12
41
GPIO6
GPIO 6
42
VCC2V4
2.4 V LDO output
43
VCC3XTAL
XTAL power supply, local 1uF decoupling cap
44
XO
XTAL output
45
XI
XTAL input
46
VCCBT
Bluetooth power supply, local 1uF decoupling cap
47
GPIO5
GPIO 5
48
GPIO1
GPIO 1


Similar Part No. - BK3254

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3254

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Generalplus Technology ...
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
Advanced Multimedia Processor SOC Solution
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
Advanced Multimedia Processor SOC Solution
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com