Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14D431K Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 14D431K
Description  Radial Lead Varistor (MOV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

14D431K Datasheet(HTML) 2 Page - UN Semiconducctor INC

  14D431K Datasheet HTML 1Page - UN Semiconducctor INC 14D431K Datasheet HTML 2Page - UN Semiconducctor INC 14D431K Datasheet HTML 3Page - UN Semiconducctor INC 14D431K Datasheet HTML 4Page - UN Semiconducctor INC 14D431K Datasheet HTML 5Page - UN Semiconducctor INC 14D431K Datasheet HTML 6Page - UN Semiconducctor INC 14D431K Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Radial Lead Varistor (MOV)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
2/6
14D180L
14D220K
14D270K
14D330K
14D390K
14D470K
14D560K
14D680K
14D820K
14D101K
14D121K
14D151K
14D181K
14D201K
14D221K
14D241K
14D271K
14D301K
14D331K
14D361K
14D391K
14D431K
14D471K
14D511K
14D561K
14D621K
14D681K
14D751K
14D781K
14D821K
14D911K
14D102K
14D112K
14D122K
14D142K
14D162K
14D182K
11
14
17
20
25
30
35
40
50
60
75
95
115
130
140
150
175
190
210
230
250
275
300
320
350
385
420
460
485
510
550
625
680
750
880
1000
1100
14
18
22
26
31
38
45
56
65
85
100
125
150
170
180
200
225
250
275
300
320
350
385
415
460
505
560
615
640
670
745
825
895
990
1140
1280
1465
18(15.3-20.7)
22(19.8-24.2)
27(24.3-29.7)
33(29.7-36.3)
39(35.1-42.9)
47(42.3-51.7)
56(50.4-61.6)
68(61.2-74.8)
82(73.8-90.2)
100(90-110)
120(108-132)
150(135-165)
180(162-198)
200(185-225)
220(198-242)
240(216-264)
270(243-297)
300(270-330)
330(297-363)
360(324-396)
390(351-429)
430(387-473)
470(423-517)
510(459-561)
560(504-616)
620(558-682)
680(612-748)
750(675-825)
780(702-858)
820(738-902)
910(819-1001)
1000(900-1100)
1100(990-1210)
1200(1080-1320)
1400(1260-1540)
1600(1400-1760)
1800(1620-1980)
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
7
8
10
12
13
17
20
24
27
33
40
53
60
70
78
84
99
108
115
130
140
155
175
180
185
190
200
210
220
235
255
280
310
324
327
331
335
4
5
6
8
9
10
11
14
22
28
32
40
50
57
60
63
70
77
85
93
100
115
125
126
127
128
130
173
148
157
175
190
213
232
238
243
250
1000
1000
1000
1000
1000
1000
1000
1000
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
500
500
500
500
500
500
500
500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
1000
1000
1000
1000
1000
1000
1000
1000
6000
6000
6000.
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
2000
2000
2000
2000
2000
2000
2000
2000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
36
43
53
65
77
93
110
135
135
165
200
250
300
340
360
395
455
505
550
595
650
710
775
845
920
1025
1120
1240
1290
1355
1500
1650
1815
1980
2310
2640
2970
10
10
10
10
10
10
10
10
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
Part Number
14D180LJ
14D220KJ
14D270KJ
14D330KJ
14D390KJ
14D470KJ
14D560KJ
14D680KJ
14D820KJ
14D101KJ
14D121KJ
14D151KJ
14D181KJ
14D201KJ
14D221KJ
14D241KJ
14D271KJ
14D301KJ
14D331KJ
14D361KJ
14D391KJ
14D431KJ
14D471KJ
14D511KJ
14D561KJ
14D621KJ
14D681KJ
14D751KJ
14D781KJ
14D821KJ
14D911KJ
14D102KJ
14D112KJ
14D122KJ
14D142KJ
14D162KJ
14D182KJ
Maximum
Allowable Voltage
Rated
Power
Varistor
Voltage
V1mA
(V)
Withstanding
Surge Current 8/20μS
Max Clamping
Voltage
VDC
(V)
VAC
(V)
VC
(V)
IP
(A)
(W)
Standard
High
Surge
I(A)
Standard
I(A)
High Surge
(J)
Standard
(J)
High
Surge
Maximum
Energy
(10/1000μs)
1
time
2
times
1
time
2
times
14D Series


Similar Part No. - 14D431K

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
14D431K WPI-14D431K Datasheet
1Mb / 65P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
14D431K RUILON-14D431K Datasheet
763Kb / 7P
Metal Oxide Varistors
logo
Socay Electornics Co., ...
14D431K SOCAY-14D431K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
StarHope
14D431K SPSEMI-14D431K Datasheet
332Kb / 2P
Varistor Type MYG
logo
HuaXinAn Electronics CO...
14D431K HUAXINAN-14D431K Datasheet
238Kb / 3P
Metal Oxide Varistors
More results

Similar Description - 14D431K

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
Radial Lead Varistor (MOV)
Revision March 1,2022
07D UNSEMI-07D Datasheet
2Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
Radial Lead Varistor (MOV)
Revision March 1,2022
20D-YC UNSEMI-20D-YC Datasheet
3Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
20DJ2-J3 UNSEMI-20DJ2-J3 Datasheet
2Mb / 6P
Radial Lead Varistor (MOV)
Revision March 1,2022
10D-EC UNSEMI-10D-EC Datasheet
3Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com