Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT45DB011D_07 Datasheet HTML 20Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 21Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 22Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 23Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 24Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 25Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 26Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 27Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
24
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
12. Deep Power-down
After initial power-up, the device will default in standby mode. The Deep Power-down command
allows the device to enter into the lowest power consumption mode. To enter the Deep Power-
down mode, the CS pin must first be asserted. Once the CS pin has been asserted, an opcode
of B9H command must be clocked in via input pin (SI). After the last bit of the command has
been clocked in, the CS pin must be de-asserted to initiate the Deep Power-down operation.
After the CS pin is de-asserted, the will device enter the Deep Power-down mode within the
maximum t
EDPD time. Once the device has entered the Deep Power-down mode, all instructions
are ignored except for the Resume from Deep Power-down command.
Figure 12-1. Deep Power-down
12.1
Resume from Deep Power-down
The Resume from Deep Power-down command takes the device out of the Deep Power-down
mode and returns it to the normal standby mode. To Resume from Deep Power-down mode, the
CS pin must first be asserted and an opcode of ABH command must be clocked in via input pin
(SI). After the last bit of the command has been clocked in, the CS pin must be de-asserted to
terminate the Deep Power-down mode. After the CS pin is de-asserted, the device will return to
the normal standby mode within the maximum t
RDPD time. The CS pin must remain high during
the t
RDPD time before the device can receive any commands. After resuming form Deep Power-
down, the device will return to the normal standby mode.
Figure 12-2. Resume from Deep Power-Down
Command
Opcode
Deep Power-down
B9H
Opcode
CS
Each transition
represents 8 bits
SI
Command
Opcode
Resume from Deep Power-down
ABH
Opcode
CS
Each transition
represents 8 bits
SI


Similar Part No. - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com