Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT45DB011D_07 Datasheet HTML 14Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 15Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 16Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 17Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 18Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 19Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 20Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 21Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
18
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
10. Security Features
10.1
Sector Lockdown
The device incorporates a Sector Lockdown mechanism that allows each individual sector to be
permanently locked so that it becomes read only. This is useful for applications that require the
ability to permanently protect a number of sectors against malicious attempts at altering program
code or security information. Once a sector is locked down, it can never be erased or pro-
grammed, and it can never be unlocked.
To issue the Sector Lockdown command, the CS pin must first be asserted as it would be for
any other command. Once the CS pin has been asserted, the appropriate 4-byte opcode
sequence must be clocked into the device in the correct order. The 4-byte opcode sequence
must start with 3DH and be followed by 2AH, 7FH, and 30H. After the last byte of the command
sequence has been clocked in, then three address bytes specifying any address within the sec-
tor to be locked down must be clocked into the device. After the last address bit has been
clocked in, the CS pin must then be deasserted to initiate the internally self-timed lockdown
sequence.
The lockdown sequence should take place in a maximum time of t
P, during which time the Status
Register will indicate that the device is busy. If the device is powered-down before the comple-
tion of the lockdown sequence, then the lockdown status of the sector cannot be guaranteed. In
this case, it is recommended that the user read the Sector Lockdown Register to determine the
status of the appropriate sector lockdown bits or bytes and reissue the Sector Lockdown com-
mand if necessary.
Figure 10-1. Sector Lockdown
Command
Byte 1
Byte 2
Byte 3
Byte 4
Sector Lockdown
3DH
2AH
7FH
30H
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Address
Bytes
Address
Bytes
Address
Bytes
Each transition
represents 8 bits
SI


Similar Part No. - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com