Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT45DB011D_07 Datasheet HTML 13Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 14Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 15Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 16Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 17Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 18Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 19Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 20Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
9.1.3
Read Sector Protection Register Command
To read the Sector Protection Register, the CS pin must first be asserted. Once the CS pin has
been asserted, an opcode of 32H and 3 dummy bytes must be clocked in via the SI pin. After the
last bit of the opcode and dummy bytes have been clocked in, any additional clock pulses on the
SCK pins will result in data for the content of the Sector Protection Register being output on the
SO pin. The first byte corresponds to sector 0 (0a, 0b), the second byte corresponds to sector 1,
the third byte corresponds to sector 2, and the last byte (byte 4) corresponds to sector 3. Once
the last byte of the Sector Protection Register has been clocked out, any additional clock pulses
will result in undefined data being output on the SO pin. The CS must be deasserted to termi-
nate the Read Sector Protection Register operation and put the output into a high-impedance
state.
Note:
xx = Dummy Byte
Figure 9-4.
Read Sector Protection Register
9.1.4
Various Aspects About the Sector Protection Register
The Sector Protection Register is subject to a limit of 10,000 erase/program cycles. Users are
encouraged to carefully evaluate the number of times the Sector Protection Register will be
modified during the course of the applications’ life cycle. If the application requires that the Sec-
tor Protection Register be modified more than the specified limit of 10,000 cycles because the
application needs to temporarily unprotect individual sectors (sector protection remains enabled
while the Sector Protection Register is reprogrammed), then the application will need to limit this
practice. Instead, a combination of temporarily unprotecting individual sectors along with dis-
abling sector protection completely will need to be implemented by the application to ensure that
the limit of 10,000 cycles is not exceeded.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Protection Register
32H
xxH
xxH
xxH
Opcode
X
X
X
Data Byte
n
Data Byte
n + 1
CS
Data Byte
n + 3
SI
SO
Each transition
represents 8 bits


Similar Part No. - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
1-megabit 2.7-volt Only Serial DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com