Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT45DB011D_07 Datasheet HTML 12Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 13Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 14Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 15Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 16Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 17Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 18Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 19Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
9.1.2
Program Sector Protection Register Command
Once the Sector Protection Register has been erased, it can be reprogrammed using the
Program Sector Protection Register command.
To program the Sector Protection Register, the CS pin must first be asserted and the appropri-
ate 4-byte opcode sequence must be clocked into the device via the SI pin. The 4-byte opcode
sequence must start with 3DH and be followed by 2AH, 7FH, and FCH. After the last bit of the
opcode sequence has been clocked into the device, the data for the contents of the Sector Pro-
tection Register must be clocked in. As described in Section 9.1, the Sector Protection Register
contains 4 bytes of data, so 4 bytes must be clocked into the device. The first byte of data corre-
sponds to sector 0, the second byte corresponds to sector 1, the third byte corresponds to sector
2, and the last byte of data corresponding to sector 3.
After the last data byte has been clocked in, the CS pin must be deasserted to initiate the inter-
nally self-timed program cycle. The programming of the Sector Protection Register should take
place in a time of t
P, during which time the Status Register will indicate that the device is busy. If
the device is powered-down during the program cycle, then the contents of the Sector Protection
Register cannot be guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the
protection status of the sectors corresponding to the bytes not clocked in can not be guaranteed.
For example, if only the first two bytes are clocked in instead of the complete 4 bytes, then the
protection status of the last 2 sectors cannot be guaranteed. Furthermore, if more than 4 bytes
of data is clocked into the device, then the data will wrap back around to the beginning of the
register. For instance, if 5 bytes of data are clocked in, then the 5th byte will be stored at byte
location 0 of the Sector Protection Register.
If a value other than 00H or FFH is clocked into a byte location of the Sector Protection Register,
then the protection status of the sector corresponding to that byte location cannot be guaran-
teed. For example, if a value of 17H is clocked into byte location 2 of the Sector Protection
Register, then the protection status of sector 2 cannot be guaranteed.
The Sector Protection Register can be reprogrammed while the sector protection enabled or dis-
abled. Being able to reprogram the Sector Protection Register with the sector protection enabled
allows the user to temporarily disable the sector protection to an individual sector rather than
disabling sector protection completely.
The Program Sector Protection Register command utilizes the internal SRAM buffer for
processing. Therefore, the contents of the buffer will be altered from its previous state when this
command is issued.
Figure 9-3.
Program Sector Protection Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Program Sector Protection Register
3DH
2AH
7FH
FCH
Data Byte
n
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
Data Byte
n + 1
Data Byte
n + 3
CS
Each transition
represents 8 bits
SI


Similar Part No. - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
1-megabit 2.7-volt Only Serial DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com