Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT45DB011D_07 Datasheet HTML 11Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 12Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 13Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 14Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 15Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 16Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 17Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 18Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
15
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
9.1.1
Erase Sector Protection Register Command
In order to modify and change the values of the Sector Protection Register, it must first be
erased using the Erase Sector Protection Register command.
To erase the Sector Protection Register, the CS pin must first be asserted as it would be with
any other command. Once the CS pin has been asserted, the appropriate 4-byte opcode
sequence must be clocked into the device via the SI pin. The 4-byte opcode sequence must
start with 3DH and be followed by 2AH, 7FH, and CFH. After the last bit of the opcode sequence
has been clocked in, the CS pin must be deasserted to initiate the internally self-timed erase
cycle. The erasing of the Sector Protection Register should take place in a time of t
PE, during
which time the Status Register will indicate that the device is busy. If the device is powered-
down before the completion of the erase cycle, then the contents of the Sector Protection Regis-
ter cannot be guaranteed.
The Sector Protection Register can be erased with the sector protection enabled or disabled.
Since the erased state (FFH) of each byte in the Sector Protection Register is used to indicate
that a sector is specified for protection, leaving the sector protection enabled during the erasing
of the register allows the protection scheme to be more effective in the prevention of accidental
programming or erasing of the device. If for some reason an erroneous program or erase com-
mand is sent to the device immediately after erasing the Sector Protection Register and before
the register can be reprogrammed, then the erroneous program or erase command will not be
processed because all sectors would be protected.
Figure 9-2.
Erase Sector Protection Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Erase Sector Protection Register
3DH
2AH
7FH
CFH
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI


Similar Part No. - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com