Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSDL-3000
Description  IrDA Data Compliant 115.2 kbps Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSDL-3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Absolute Maximum Ratings
For implementations where case to ambient thermal resistance is
≤ 50°C/W.
Parameter
Symbol
Min.
Max.
Units
Conditions
Storage Temperature
TS
–40
100
°C
Operating Temperature
TA
–20
70
°C
LED Supply Voltage
VLED
07
V
Supply Voltage
VCC
07
V
Output Voltage: RXD
VO
–0.5
7
V
LED Current Pulse Amplitude
ILED
500
mA
≤ 90 µs Pulse Width
≤ 20% Duty Cycle
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Operating Temperature
TA
–20
70
°C
Supply Voltage
VCC
2.7
5.5
V
Logic Input
Logic High
VIH
2/3 VCC
VCC
V
Logic Low
VIL
0
1/3 VCC
V
Receiver Input
Logic High
EIH
0.0036
500
mW/cm2
For in-band signals
≤ 115.2 kbps[1]
Irradiance
Logic Low
EIL
0.3
µW/cm2
For in-band signals[1]
TXD Pulse Width (SIR)
tTPW (SIR)
1.5
1.6
µstPW (TXD) = 1.6 µs at 115.2 kbps
Receiver Data Rate
2.4
115.2
kbps
Ambient Light
See Test Methods on page 16 for details.
Voltage for
TXD


Similar Part No. - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3000#007 LITEON-HSDL-3000#007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3000#017 LITEON-HSDL-3000#017 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-007 HP-HSDL-3000-007 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-017 HP-HSDL-3000-017 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
More results

Similar Description - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
   115.2 kbps infrared transceiver module
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com