Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3000 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HSDL-3000
Description  IrDA Data Compliant 115.2 kbps Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3000 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Flat Window
(first choice)
Curved Front, Flat Back
(do not use)
Curved Front and Back
(second choice)
Shape of the Window
From an optics standpoint, the
window should be flat. This en-
sures that the window will not
alter either the radiation pattern
of the LED, or the receive pattern
of the photodiode.
If the window must be curved for
mechanical design reasons, place
a curve on the back side of the
window that has the same radius
as the front side. While this will
not completely eliminate the lens
effect of the front curved surface,
it will reduce the effects. The
amount of change in the radiation
pattern is dependent upon the
material chosen for the window,
the radius of the front and back
curves, and the distance from the
back surface to the transceiver.
Once these items are known, a
lens design can be made which
will eliminate the effect of the
front surface curve.
The following drawings show the
effects of a curved window on the
radiation pattern. In all cases,
the center thickness of the win-
dow is 1.5 mm, the window is
made of polycarbonate plastic,
and the distance from the trans-
ceiver to the back surface of the
window is 3 mm.


Similar Part No. - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3000#007 LITEON-HSDL-3000#007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3000#017 LITEON-HSDL-3000#017 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-007 HP-HSDL-3000-007 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-017 HP-HSDL-3000-017 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
More results

Similar Description - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
115.2 kbps infrared transceiver module
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com