Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3000 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSDL-3000
Description  IrDA Data Compliant 115.2 kbps Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3000 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
1.2 Adjacent Land Keep-out and Solder Mask Areas
Dim.
mm
Inches
h
min. 0.40
min. 0.016
j
10.1
0.40
k
3.85
0.15
l
3.2
0.126
Figure 3. HSDL-3000#007/#017 PCBA – Adjacent land keep-out and solder mask.
• Adjacent land keep-out is the
maximum space occupied by
the unit relative to the land
pattern. There should be no
other SMD components within
this area.
• “h” is the minimum solder
resist strip width required to
avoid solder bridging adjacent
pads.
• It is recommended that 2
fiducial cross be placed at mid-
length of the pads for unit
alignment.
Note: Wet/Liquid Photo-
Imageable solder resist/mask is
recommended.
h
l
Tx LENS
Rx LENS
j
SOLDER
MASK
LAND
k
Y
X
2.0 Recommended Solder Paste/
Cream Volume for Castellation
Joints
The recommended printed solder
paste volume required per
castellation pad is 0.30 cubic mm
(based on either no-clean or
aqueous solder cream types with
typically 60 to 65% solid content
by volume).


Similar Part No. - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3000#007 LITEON-HSDL-3000#007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3000#017 LITEON-HSDL-3000#017 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-007 HP-HSDL-3000-007 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-017 HP-HSDL-3000-017 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
More results

Similar Description - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
115.2 kbps infrared transceiver module
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com