Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSDL-3000
Description  IrDA Data Compliant 115.2 kbps Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSDL-3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Electrical & Optical Specifications
Specifications (Min. and Max. values) hold over the recommended operating conditions unless otherwise noted.
Unspecified test conditions may be anywhere in their operating range. All typical values (Typ.) are at 25
°C with VCC
set to 3.0 V unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Receiver
Viewing Angle
2
φ1/2
30
°
Peak Sensitivity
λp
875
nm
Wavelength
RXD Output Voltage
Logic High
VOH
VCC –0.2
VCC
VIOH = –200 µA, EI ≤ 0.3 µW/cm2
Logic Low
VOL
0
0.4
V
RXD Pulse Width (SIR)[2]
tRPW (SIR) 1
7.5
µs
θ1/2 ≤ 15°, CL = 9 pF
RXD Rise and Fall Times
tr, tf
25
100
ns
CL = 9 pF
Receiver Latency Time[3]
tL
25
50
µs
Receiver Wake Up Time[4]
tRW
18
100
µs
EI = 10 mW/cm2
Transmitter
Radiant Intensity
IEH
44
75
mW/sr
ILEDA = 350 mA, θ1/2 ≤ 15°,
TXD
≥ VIH, TA = 25°C
Viewing Angle
2
θ1/2
30
60
°
Peak Wavelength
λp
875
nm
TXD Logic Levels
High
VIH
2/3 VCC
VCC
V
Low
VIL
0
1/3 VCC
V
TXD Input Current
High
IH
0.02
1
µAVI ≥ VIH
Low
IL
–1
–0.02
1
µA0 ≤ VI ≤ VIL
LED Current
Shutdown
IVLED
20
1000
NA
VI (SD) ≥ VIH, TA = 25°C
Wakeup Time[5]
tTW
30
100
ns
Maximum Optical
tPW(Max)
25
50
µs
Pulse Width[6]
TXD Rise and
tr, tf
600
ns
Fall Time (Optical)
LED Anode on State
VON (LEDA)
2.2
V
ILEDA = 350 mA, VI (TXD) ≤ VIL
Voltage


Similar Part No. - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3000#007 LITEON-HSDL-3000#007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3000#017 LITEON-HSDL-3000#017 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-007 HP-HSDL-3000-007 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-017 HP-HSDL-3000-017 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
More results

Similar Description - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
115.2 kbps infrared transceiver module
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com