Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021A-RI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT45DB021A-RI
Description  2-megabit 2.7-volt Only Serial DataFlash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021A-RI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT45DB021A-RI Datasheet HTML 4Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 5Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 6Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 7Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 8Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 9Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 10Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 11Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AT45DB021A
8
Note:
In Tables 2 and 3, an SCK mode designation of “Any” denotes any one of the four modes of operation (Inactive Clock Polarity
Low, Inactive Clock Polarity High, SPI Mode 0, or SPI Mode 3).
Table 1. Read Commands
Command
SCK Mode
Opcode
Continuous Array Read
Inactive Clock Polarity Low or High
68H
SPI Mode 0 or 3
E8H
Burst Array Read
Inactive Clock Polarity Low or High
68H
SPI Mode 0 or 3
E8H
Main Memory Page Read
Inactive Clock Polarity Low or High
52H
SPI Mode 0 or 3
D2H
Buffer 1 Read
Inactive Clock Polarity Low or High
54H
SPI Mode 0 or 3
D4H
Buffer 2 Read
Inactive Clock Polarity Low or High
56H
SPI Mode 0 or 3
D6H
Status Register Read
Inactive Clock Polarity Low or High
57H
SPI Mode 0 or 3
D7H
Table 2. Program and Erase Commands
Command
SCK Mode
Opcode
Buffer 1 Write
Any
84H
Buffer 2 Write
Any
87H
Buffer 1 to Main Memory Page Program with Built-in Erase
Any
83H
Buffer 2 to Main Memory Page Program with Built-in Erase
Any
86H
Buffer 1 to Main Memory Page Program without Built-in Erase
Any
88H
Buffer 2 to Main Memory Page Program without Built-in Erase
Any
89H
Page Erase
Any
81H
Block Erase
Any
50H
Main Memory Page Program through Buffer 1
Any
82H
Main Memory Page Program through Buffer 2
Any
85H
Table 3. Additional Commands
Command
SCK Mode
Opcode
Main Memory Page to Buffer 1 Transfer
Any
53H
Main Memory Page to Buffer 2 Transfer
Any
55H
Main Memory Page to Buffer 1 Compare
Any
60H
Main Memory Page to Buffer 2 Compare
Any
61H
Auto Page Rewrite through Buffer 1
Any
58H
Auto Page Rewrite through Buffer 2
Any
59H


Similar Part No. - AT45DB021A-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021A ATMEL-AT45DB021A_14 Datasheet
421Kb / 28P
   Optional Page and Block Erase Operations
More results

Similar Description - AT45DB021A-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
   8-megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
   8-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45DB041 ATMEL-AT45DB041 Datasheet
209Kb / 18P
   4-Megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com