Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5425DBR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5425DBR2G
Description  Dual Synchronous Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5425DBR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5425DBR2G Datasheet HTML 1Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 2Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 3Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 4Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 5Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 6Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 7Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 8Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
NCP5425
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature, TJ
150
°C
Storage Temperature Range, TJ
−65 to 150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
ESD Susceptibility (Machine Model)
200
V
Thermal Resistance, Junction−to−Air
140
°C/W
Moisture Sensitivity Level (MSL)
1
Lead Temperature Soldering: Reflow: (Note 1)
260 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 to 150 seconds maximum above 183
°C, 260°C peak.
MAXIMUM RATINGS
Pin Symbol
Pin Name
VMAX
VMIN
ISOURCE
ISINK
VCC
IC Power Input
16 V
−0.3 V
N/A
2.0 A Peak
200 mA DC
COMP1, COMP2
Compensation Capacitor for
Channel 1 or 2
4.0 V
−0.3 V
1.0 mA
1.0 mA
VFB1, VFB2, VREF2
Voltage Feedback Input for
Channel 1 or 2
6.0 V
−0.3 V
1.0 mA
1.0 mA
ROSC
Oscillator Resistor
5.0 V
−0.3 V
1.0 mA
1.0 mA
GATE(H)1, GATE(H)2
High−Side FET Driver
for Channel 1 or 2
20 V
−0.3 V
2.0 A Peak
200 mA DC
2.0 A Peak
200 mA DC
GATE(L)1, GATE(L)2
Low−Side FET Driver for
Channel 1 or 2
16 V
−0.3 V
2.0 A Peak
200 mA DC
2.0 A Peak
200 mA DC
IS+1, IS+2
Positive Current Sense for
Channel 1 or 2
6.0 V
−0.3 V
1.0 mA
1.0 mA
IS−1, IS−2
Negative Current Sense for
Channel 1 or 2
6.0 V
−0.3 V
1.0 mA
1.0 mA
GND
Ground
100 mV
0 V
2.0 A Peak
200 mA DC
N/A
BST
Power Input for GATE(H)1
GATE(H)2
23 V
−0.3 V
N/A
2.0 A Peak
200 mA DC
MODE
Dual or Single Output Select
3.5 V
−0.3 V
N/A
N/A


Similar Part No. - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results

Similar Description - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com