Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5425DBR2G Datasheet(PDF) 20 Page - ON Semiconductor

Part # NCP5425DBR2G
Description  Dual Synchronous Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5425DBR2G Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NCP5425DBR2G Datasheet HTML 14Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 15Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 16Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 17Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 18Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 19Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 20Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 21Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
NCP5425
http://onsemi.com
20
Grounding the Mode pin enables an internal clamp to limit
the Comp 2 voltage excursions during overcurrent faults.
Without this clamp, the output voltage (Vout1 and Vout2)
can overshoot the regulated output voltages when the fault
is removed. For a single output two−phase application the
Mode pin must be floating, which disables the clamp and
permits a larger current−sharing reference voltage range.
The Comp1 pin is always clamped, because it is regulated to
a fixed internal voltage (0.8 V).
The simplest way to provide a Controller 2 reference is by
using the Controller 1 feedback voltage. This will provide a
0.8 V reference for regulation, and also causes the
Controller 2 output to track the Controller 1 output during
transients. With a voltage reference established and the
Mode pin floating, Controller 2 can function as an
independent Buck regulator.
Vin
Q1
L1
R1
R2
+
Vfb1
Q2
Master
Error Amp
Internal
0.8 V Ref.
L2
+
Vfb2
Vref2
Slave
Error Amp
Q3
Q4
Figure 15. Dual Output Configuration
C1
R3
C2
Vref1
R4
Vout1
Vout2
Adding External Slope Compensation
Today’s voltage regulators are expected to meet very
stringent load transient requirements. One of the key factors
in achieving tight dynamic voltage regulation is low ESR.
Low ESR at the regulator output results in low output
voltage ripple. The consequence is, however, that very little
voltage ramp exists at the control IC feedback pin (VFB),
resulting in increased regulator sensitivity to noise and the
potential for loop instability. In applications where the
internal slope compensation is insufficient, the performance
of the NCP5425−based regulator can be improved through
the addition of a fixed amount of external slope
compensation at the output of the PWM Error Amplifier (the
COMP pin) during the regulator off−time. Referring to
Figure 8, the amount of voltage ramp at the COMP pin is
dependent on the gate voltage of the lower (synchronous)
FET and the value of resistor divider formed by R1and R2.
VSLOPECOMP + VGATE(L)
R2
R1
) R2
(1−e −1
t )
where:
VSLOPECOMP = amount of slope added;
VGATE(L) = lower MOSFET gate voltage;
R1, R2 = voltage divider resistors;
t = tON or tOFF (switch off−time);
t = RC constant determined by C1 and the parallel
combination of R1, R2 neglecting the low driver
output impedance.
Figure 16. RC Filter Provides the Proper Voltage
Ramp at the Beginning of each On−Time Cycle
COMP
NCP5425
GATE(L)
R2
C1
R1
To Synchronous
FET
The artificial voltage ramp created by the slope
compensation scheme results in improved control loop
stability provided that the RC filter time constant is smaller
than the off−time cycle duration (time during which the lower
MOSFET is conducting). It is important that the series
combination of R1 and R2 is high enough in resistance to
avoid loading the GATE(L) pin. Also, C1 should be very
small (less than a few nF) to avoid heating the part.


Similar Part No. - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results

Similar Description - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com