Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5425DBR2G Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCP5425DBR2G
Description  Dual Synchronous Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5425DBR2G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP5425DBR2G Datasheet HTML 11Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 12Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 13Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 14Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 15Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 16Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 17Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 18Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
NCP5425
http://onsemi.com
15
Maximum allowable ESR can then be determined
according to the formula:
ESRMAX +
DVESR
DIOUT
where:
DVESR =change in output voltage due to ESR
(assigned by the designer)
Once the maximum allowable ESR is determined, the
number of output capacitors can be calculated:
Number of capacitors
+
ESRCAP
ESRMAX
where:
ESRCAP = maximum ESR per capacitor
(specified in manufacturer’s data sheet);
ESRMAX = maximum allowable ESR.
The actual output voltage deviation due to ESR can then
be verified and compared to the value assigned by the
designer:
DVESR + DIOUT
ESRMAX
Similarly, the maximum allowable ESL is calculated from
the following formula:
ESLMAX +
DVESL
Dt
DI
Input Inductor Selection
A common requirement is that the buck controller must
not disturb the input voltage. One method of achieving this
is by using an input inductor and a bypass capacitor. The
input inductor isolates the supply from the noise generated
in the switching portion of the buck regulator and also limits
the inrush current into the input capacitors during power up.
The inductor’s limiting effect on the input current slew rate
becomes increasingly beneficial during load transients. The
worst case is when the load changes from no load to full load
(load step), a condition under which the highest voltage
change across the input capacitors is also seen by the input
inductor. An input inductor successfully blocks the ripple
current while placing the transient current requirements on
the input bypass capacitor bank, which has to initially
support the sudden load change. The minimum value for the
input inductor is:
LIN +
DV
(dl dt)MAX
where:
LIN = input inductor value;
DV =voltage seen by the input inductor during a full load
swing;
(dI/dt)MAX = maximum allowable input current slew rate.
The designer must select the LC filter pole frequency such
that a minimum of 40 dB attenuation is obtained at the
regulator switching frequency. The LC filter is a
double−pole network with a slope of −2.0, a roll−off rate of
−40 dB/decade, and a corner frequency given by:
fC +
1
2
p
LC
where:
L = input inductor;
C = input capacitor(s).
POWER FET SELECTION
FET Basics
The use of a MOSFET as a power switch is compelled by
two reasons: 1) high input impedance; and 2) fast switching
times. The electrical characteristics of a MOSFET are
considered to be nearly those of a perfect switch. Control
and drive circuitry power is therefore reduced. Because the
input impedance is so high, it is voltage driven. The input of
the MOSFET acts as if it were a small capacitor, which the
driving circuit must charge at turn on. The lower the drive
impedance, the higher the rate of rise of VGS, and the faster
the turn−on time. Power dissipation in the switching
MOSFET consists of: (1) conduction losses, (2) leakage
losses, (3) turn−on switching losses, (4) turn−off switching
losses, and (5) gate−transitions losses. The latter three losses
are all proportional to frequency. The most important aspect
of FET performance is the Static Drain−to−Source
On−Resistance
(RDS(ON)),
which
affects
regulator
efficiency and FET thermal management requirements. The
On−Resistance determines the amount of current a FET can
handle without excessive power dissipation that may cause
overheating and potentially catastrophic failure. As the
drain current rises, especially above the continuous rating,
the On−Resistance also increases. Its positive temperature
coefficient is between +0.6%/
_C and +0.85%/_C. The
higher the On−Resistance, the larger the conduction loss is.
Additionally, the FET gate charge should be low in order to
minimize switching losses and reduce power dissipation.
Both logic level and standard FETs can be used. Voltage
applied to the FET gates depends on the application circuit
used. Both upper and lower gate driver outputs are specified
to drive to within 1.5 V of ground when in the low state and
to within 2.0 V of their respective bias supplies when in the
high state. In practice, the FET gates will be driven
rail−to−rail due to overshoot caused by the capacitive load
they present to the controller IC.
Switching (Upper) FET Selection
The designer must ensure that the total power dissipation
in the FET switch does not cause the power component’s
junction temperature to exceed 150
_C. The maximum RMS
current through the switch can be determined by the
following formula:
IRMS(H) +
IL(PEAK)2 ) (IL(PEAK)
IL(VALLEY)) ) IL(VALLEY)2
D
3


Similar Part No. - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results

Similar Description - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com