Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5425DBR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5425DBR2G
Description  Dual Synchronous Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5425DBR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5425DBR2G Datasheet HTML 7Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 8Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 9Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 10Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 11Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 12Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 13Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 14Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
NCP5425
http://onsemi.com
11
Inductor Current Sensing
Examples of lossless current sensing across an output
inductor are shown in Figure 8. Lx is the output inductance
and Rx represents its equivalent series resistance. To
compensate the current sense signal, the values of R1 and C1
are chosen so that Lx/Rx = R1 x C1. With these values, the
current sense signal will have the same wave shape as the
inductor current and the voltage signal on C1 will represent
the instantaneous value of inductor current. The voltage
across C1 can be used as though it were a sense resistor with
the same value as the inductor’s ESR, thus avoiding a sense
resistor’s power loss.
Figure 8. Inductor Current Sensing − Circuit Configurations
Lx
Rx
R1
C1
Switch
Node
Rx X IL
+
+ls
−ls
_
+
70 mV
Lx
Rx
R1
C1
Switch
Node
Rx*IL*R2
+
+ls
−ls
_
+
70 mV
(8A)
(8B)
R2
(R1 + R2)
Lx
Rx
R1
C1
Switch
Node
Rx X IL
+
+ls
−ls
_
+
70 mV
(8C)
R3
Lx
Rx
R1
C1
Switch
Node
(Rx*IL) + (ER3)
+
+ls
−ls
_
+
70 mV
(8D)
R3
R4
DC
Output
ER3 = (Vo*R3)/R3 + R4)
DC
Output
DC
Output
DC
Output


Similar Part No. - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results

Similar Description - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com