Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5425DBR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5425DBR2G
Description  Dual Synchronous Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5425DBR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5425DBR2G Datasheet HTML 3Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 4Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 5Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 6Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 7Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 8Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 9Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 10Page - ON Semiconductor NCP5425DBR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NCP5425
http://onsemi.com
7
GATE(H)2
GATE(L)2
VCC
Figure 2. Block Diagram
LNDM
BST
LNDM
R
S
Reset
Dominant
Q
Q
CLK2
+
IS+2
IS−2
+
70 mV
OC2
+
+
70 mV
OC1
+
PWM
COMP2
EA2
3.1 V
+
RAMP2
0.3 V
VCC
LNDM
LNDM
R
S
Reset
Dominant
Q
Q
CLK1
+
+
PWM
COMP1
EA1
+
3.1 V
+
RAMP1
0.3 V
UVLO
BST
GATE(L)1
COMP1 CLAMP
REFERENCE
UVLO
0.8 V
COMP2
VREF2
VFB2
COMP1
VFB1
+
UVLO
4.2 V
4.0 V
VCC
OSCILLATOR
AND
RAMP
CURRENT
GENERATOR
IRAMP1
IRAMP2
CLK1
CLK2
LNDM
Low noise disable mode
(pull ROSC high to activate)
REFERENCE
AND BIAS
3.1 V
0.8 V
ROSC
3.1 V
IRAMP1
RAMP1
3.1 V
IRAMP2
RAMP2
S/D
3.1 V
COMP2
CLAMP
REFERENCE
3.1 V
3.1 V
MODE
Single
or dual
output
mode
GND
GATE(H)1
IS+1
IS−1
+
−−
+
+
+


Similar Part No. - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DBR2G ONSEMI-NCP5425DBR2G Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results

Similar Description - NCP5425DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com