Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1450ASN27T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1450ASN27T1
Description  PWM Step?뭫p DC?묭C Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1450ASN27T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1450ASN27T1 Datasheet HTML 1Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 2Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 3Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 4Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 5Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 6Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 7Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 8Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
NCP1450A
http://onsemi.com
3
ORDERING INFORMATION (Note 1)
Device
Output
Voltage
Switching
Frequency
Marking
Package
Shipping
NCP1450ASN19T1
1.9 V
180 KHz
DAY
TSOP−5
3000 Units
on 7 Inch Reel
NCP1450ASN19T1G
TSOP−5
(Pb−Free)
NCP1450ASN27T1G
2.7 V
DAZ
TSOP−5
NCP1450ASN27T1
TSOP−5
(Pb−Free)
NCP1450ASN30T1
3.0 V
DBA
TSOP−5
NCP1450ASN30T1G
TSOP−5
(Pb−Free)
NCP1450ASN33T1
3.3 V
DBC
TSOP−5
NCP1450ASN33T1G
TSOP−5
(Pb−Free)
NCP1450ASN50T1
5.0 V
DBD
TSOP−5
NCP1450ASN50T1G
TSOP−5
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
1. The ordering information lists five standard output voltage device options. Additional devices with output voltage ranging from
1.8 V to 5.0 V in 100 mV increments can be manufactured. Contact your ON Semiconductor representative for availability.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (Pin 2)
VOUT
6.0
V
Input/Output Pins
EXT (Pin 5)
EXT Sink/Source Current
VEXT
IEXT
−0.3 to 6.0
−150 to 150
V
mA
CE (Pin 1)
Input Voltage Range
Input Current Range
VCE
ICE
−0.3 to 6.0
−150 to 150
V
mA
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance Junction−to−Air
PD
RqJA
500
250
mW
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Operating Junction Temperature Range
TJ
−40 to +150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
2. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM)
$2.0 kV per JEDEC standard: JESD22−A114.
Machine Model (MM)
$200 V per JEDEC standard: JESD22−A115.
3. Latchup Current Maximum Rating:
$150 mA per JEDEC standard: JESD78.
4. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.


Similar Part No. - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450ASN27T1 ONSEMI-NCP1450ASN27T1 Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
More results

Similar Description - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com