Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1450ASN27T1 Datasheet(PDF) 17 Page - ON Semiconductor

Part # NCP1450ASN27T1
Description  PWM Step?뭫p DC?묭C Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1450ASN27T1 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NCP1450ASN27T1 Datasheet HTML 13Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 14Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 15Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 16Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 17Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 18Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 19Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 20Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
NCP1450A
http://onsemi.com
17
DETAILED OPERATING DESCRIPTION
Operation
The NCP1450A series are monolithic power switching
controllers optimized for battery powered portable products
where large output current is required.
The NCP1450A series are low noise fixed frequency
voltage−mode PWM DC−DC controllers, and consist of
startup circuit, feedback resistor divider, reference voltage,
oscillator, loop compensation network, PWM control
circuit, and low ON resistance driver. Due to the on−chip
feedback resistor and loop compensation network, the
system designer can get the regulated output voltage from
1.8 V to 5.0 V with 0.1 V stepwise with a small number of
external components. The quiescent current is typically
93
mA (VOUT = 2.7 V, fOSC = 180 kHz), and can be further
reduced to about 1.5
mA when the chip is disabled (VCE t
0.3 V).
The NCP1450A operation can be best understood by
referring to the block diagram in Figure 2. The error
amplifier monitors the output voltage via the feedback
resistor divider by comparing the feedback voltage with the
reference voltage. When the feedback voltage is lower than
the reference voltage, the error amplifier output will
decrease. The error amplifier output is then compared with
the oscillator ramp voltage at the PWM controller. When the
ramp voltage is higher than the error amplifier output, the
high−side driver is turned on and the low−side driver is
turned off which will then switch on the external transistor;
and vice versa. As the error amplifier output decreases, the
high−side driver turn−on time increases and duty cycle
increases. When the feedback voltage is higher than the
reference voltage, the error amplifier output increases and
the duty cycle decreases. When the external power switch is
on, the current ramps up in the inductor, storing energy in the
magnetic field. When the external power switch is off, the
energy stored in the magnetic field is transferred to the
output filter capacitor and the load. The output filter
capacitor stores the charge while the inductor current is
higher than the output current, then sustains the output
voltage until the next switching cycle.
As the load current is decreased, the switch transistor turns
on for a shorter duty cycle. Under the light load condition,
the controller will skip switching cycles to reduce power
consumption, so that high efficiency is maintained at light
loads.
Soft Start
There is a soft start circuit in NCP1450A. When power is
applied to the device, the soft start circuit first pumps up the
output voltage to approximately 1.5 V at a fixed duty cycle.
This is the voltage level at which the controller can operate
normally. In addition to that, the startup capability with
heavy loads is also improved.
Oscillator
The oscillator frequency is internally set to 180 kHz at an
accuracy of
"20% and with low temperature coefficient of
0.11%/
°C.
Regulated Converter Voltage (VOUT)
The VOUT is set by an integrated feedback resistor
network. This is trimmed to a selected voltage from 1.8 V to
5.0 V range in 100 mV steps with an accuracy of
"2.5%.
Compensation
The device is designed to operate in continuous
conduction mode. An internal compensation circuit was
designed to guarantee stability over the full input/output
voltage and full output load range.
Enable/Disable Operation
The NCP1450A series offer IC shutdown mode by chip
enable pin (CE pin) to reduce current consumption. When
voltage at pin CE is equal or greater than 0.9 V, the chip will
be enabled, which means the controller is in normal
operation. When voltage at pin CE is less than 0.3 V, the chip
is disabled, which means IC is shutdown.
Important: DO NOT apply a voltage between 0.3 V to 0.9 V
to pin CE as this is the CE pin’s hysteresis voltage range.
Clearly defined output states can only be obtained by
applying voltage out of this range.


Similar Part No. - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450ASN27T1 ONSEMI-NCP1450ASN27T1 Datasheet
202Kb / 24P
PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
More results

Similar Description - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com