Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1450ASN27T1 Datasheet(PDF) 16 Page - ON Semiconductor

Part # NCP1450ASN27T1
Description  PWM Step?뭫p DC?묭C Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1450ASN27T1 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCP1450ASN27T1 Datasheet HTML 12Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 13Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 14Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 15Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 16Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 17Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 18Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 19Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
NCP1450A
http://onsemi.com
16
14
0.1
3
2
0.01
VIN, INPUT VOLTAGE (V)
Figure 69. NCP1450ASNXXT1 No Load Input
Current vs. Input Voltage (Using MOSFET)
Figure 70. NCP1450ASNXXT1 No Load Input
Current vs. Input Voltage (Using BJT)
10
VIN, INPUT VOLTAGE (V)
1
51
4
3
25
0
0.1
0.01
100
1
10
A. VOUT = 1.9 V, Rb = 1 kW
B. VOUT = 3.0 V, Rb = 1 kW
C. VOUT = 5.0 V, Rb = 1 kW
D. VOUT = 1.9 V, Rb = 560 W
E. VOUT = 3.0 V, Rb = 560 W
F. VOUT = 5.0 V, Rb = 560 W
NCP1450ASNXXT1
L = 10
mH
Q = MMJT9410
COUT = 220 mF
TA = 25°C
A
D
B
E
C
F
NCP1450ASNXXT1
L = 10
mH
Q = NTGS3446T1
COUT = 220 mF
TA = 25°C
VOUT = 5.0 V
VOUT = 3.0 V
VOUT = 1.9 V
Components Supplier
Parts
Supplier
Part Number
Description
Phone
Inductor: L1, L2
Sumida Electric Co. Ltd.
CD54−100MC
Inductor 10
mH/1.44 A
(852) 2880−6688
Schottky Diode: D1, D2
ON Semiconductor
MBRM110L
Schottky Power Rectifier
(852) 2689−0088
MOSFET: Q1
ON Semiconductor
NTGS3446T1
Power MOSFET N−Channel
(852) 2689−0088
BJT: Q2
ON Semiconductor
MMJT9410
Bipolar Power Transistor
(852) 2689−0088
Output Capacitor: C1, C3
KEMET Electronics Corp.
T494D227K006AS
Low ESR Tantalum Capacitor
220
mF/6.0 V
(852) 2305−1168
Input Capacitor: C2, C4
KEMET Electronics Corp.
T491C106K016AS
Low Profile Tantalum Capacitor
10
mF/16 V
(852) 2305−1168


Similar Part No. - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450ASN27T1 ONSEMI-NCP1450ASN27T1 Datasheet
202Kb / 24P
PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
More results

Similar Description - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com