Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1450ASN27T1 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP1450ASN27T1
Description  PWM Step?뭫p DC?묭C Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1450ASN27T1 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP1450ASN27T1 Datasheet HTML 9Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 10Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 11Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 12Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 13Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 14Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 15Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 16Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
NCP1450A
http://onsemi.com
13
Figure 51. NCP1450ASN19T1 Operating
Waveforms (Medium Load)
Figure 52. NCP1450ASN19T1 Operating
Waveforms (Heavy Load)
Figure 53. NCP1450ASN30T1 Operating
Waveforms (Medium Load)
Figure 54. NCP1450ASN30T1 Operating
Waveforms (Heavy Load)
Figure 55. NCP1450ASN50T1 Operating
Waveforms (Medium Load)
Figure 56. NCP1450ASN50T1 Operating
Waveforms (Heavy Load)
2
ms/div
VOUT = 1.9 V, VIN = 1.2 V, IO = 500 mA, L = 10 mH,
COUT = 220 mF
1. VL, 1.0 V/div
2. IL, 500 mA/div
3. VOUT, 50 mV/div, AC coupled
2
ms/div
VOUT = 1.9 V, VIN = 1.2 V, IO = 20 mA, L = 10 mH,
COUT = 220 mF
1. VL, 1.0 V/div
2. IL, 500 mA/div
3. VOUT, 50 mV/div, AC coupled
2
ms/div
VOUT = 3.0 V, VIN = 1.8 V, IO = 500 mA, L = 10 mH,
COUT = 220 mF
1. VL, 2.0 V/div
2. IL, 500 mA/div
3. VOUT, 50 mV/div, AC coupled
2
ms/div
VOUT = 3.0 V, VIN = 1.8 V, IO = 20 mA, L = 10 mH,
COUT = 220 mF
1. VL, 2.0 V/div
2. IL, 500 mA/div
3. VOUT, 50 mV/div, AC coupled
2
ms/div
VOUT = 5.0 V, VIN = 3.0 V, IO = 500 mA, L = 10 mH,
COUT = 220 mF
1. VL, 2.0 V/div
2. IL, 500 mA/div
3. VOUT, 50 mV/div, AC coupled
2
ms/div
VOUT = 5.0 V, VIN = 3.0 V, IO = 20 mA, L = 10 mH,
COUT = 220 mF
1. VL, 2.0 V/div
2. IL, 500 mA/div
3. VOUT, 50 mV/div, AC coupled


Similar Part No. - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450ASN27T1 ONSEMI-NCP1450ASN27T1 Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
More results

Similar Description - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com