Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1450ASN27T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1450ASN27T1
Description  PWM Step?뭫p DC?묭C Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1450ASN27T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1450ASN27T1 Datasheet HTML 1Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 2Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 3Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 4Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 5Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 6Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 7Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 8Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 7
1
Publication Order Number:
NCP1450A/D
NCP1450A
PWM Step−up DC−DC
Controller
The NCP1450A series are PWM step−up DC−DC switching
controller that are specially designed for powering portable equipment
from one or two cells battery packs. The NCP1450A series have a
driver pin, EXT pin, for connecting to an external transistor. Large
output currents can be obtained by connecting a low ON−resistance
external power transistor to the EXT pin. The device will
automatically skip switching cycles under light load condition to
maintain high efficiency at light loads. With only six external
components, this series allows a simple means to implement highly
efficient converter for large output current applications.
Each device consists of an on−chip Pulse Width Modulation (PWM)
oscillator, PWM controller, phase−compensated error amplifier,
soft−start, voltage reference, and driver for driving external power
transistor. Additionally, a chip enable feature is provided to power
down the converter for extended battery life.
The NCP1450A device series are available in the TSOP−5 package
with five standard regulated output voltages. Additional voltages that
range from 1.8 V to 5.0 V in 100 mV steps can be manufactured.
Features
High Efficiency 86% at IO = 200 mA, VIN = 2.0 V, VOUT = 3.0 V
88% at IO = 400 mA, VIN = 3.0 V, VOUT = 5.0 V
Low Startup Voltage of 0.9 V typical at IO = 1.0 mA
Operation Down to 0.6 V
Five Standard Voltages: 1.9 V, 2.7 V, 3.0 V, 3.3 V, 5.0 V with High
Accuracy
± 2.5%
Low Conversion Ripple
High Output Current up to 1000 mA
(3.0 V version at VIN = 2.0 V, L = 10
mH, COUT = 220 mF)
Fixed Frequency Pulse Width Modulation (PWM) at 180 kHz
Chip Enable Pin with On−chip 150 nA Pullup Current Source
Low Profile and Micro Miniature TSOP−5 Package
Pb−Free Packages are Available
Typical Applications
Personal Digital Assistant (PDA)
Electronic Games
Portable Audio (MP3)
Digital Still Cameras
Handheld Instruments
TSOP−5
SN SUFFIX
CASE 483
See detailed ordering and shipping information in the ordering
information section on page 3 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM AND
PIN CONNECTIONS
1
3
GND
CE
2
OUT
NC
4
EXT
5
(Top View)
xxx =Specific Device Marking
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
5
http://onsemi.com


Similar Part No. - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450ASN27T1 ONSEMI-NCP1450ASN27T1 Datasheet
202Kb / 24P
PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
More results

Similar Description - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com