Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1450ASN27T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1450ASN27T1
Description  PWM Step?뭫p DC?묭C Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1450ASN27T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1450ASN27T1 Datasheet HTML 4Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 5Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 6Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 7Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 8Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 9Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 10Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 11Page - ON Semiconductor NCP1450ASN27T1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NCP1450A
http://onsemi.com
8
−50
50
25
0
−25
75
100
−50
50
25
0
−25
75
100
70
TEMPERATURE (
°C)
Figure 21. NCP1450ASN19T1 Oscillator
Frequency vs. Temperature
Figure 22. NCP1450ASN30T1 Oscillator
Frequency vs. Temperature
Figure 23. NCP1450ASN50T1 Oscillator
Frequency vs. Temperature
TEMPERATURE (
°C)
Figure 24. NCP1450ASN19T1 Maximum Duty
Cycle vs. Temperature
TEMPERATURE (
°C)
Figure 25. NCP1450ASN30T1 Maximum Duty
Cycle vs. Temperature
TEMPERATURE (
°C)
Figure 26. NCP1450ASN50T1 Maximum Duty
Cycle vs. Temperature
TEMPERATURE (
°C)
80
50
60
40
90
100
TEMPERATURE (
°C)
250
150
0
300
100
200
−50
50
25
0
−25
75
100
50
250
150
0
300
100
200
50
250
150
0
300
100
200
50
−50
50
25
0
−25
75
100
−50
50
25
0
−25
75
100
−50
50
25
0
−25
75
100
70
80
50
60
40
90
100
70
80
50
60
40
90
100
NCP1450ASN19T1
VOUT = 1.9 V x 0.96
Open−Loop Test
NCP1450ASN30T1
VOUT = 3.0 V x 0.96
Open−Loop Test
NCP1450ASN50T1
VOUT = 5.0 V x 0.96
Open−Loop Test
NCP1450ASN19T1
VOUT = 1.9 V x 0.96
Open−Loop Test
NCP1450ASN30T1
VOUT = 3.0 V x 0.96
Open−Loop Test
NCP1450ASN50T1
VOUT = 5.0 V x 0.96
Open−Loop Test


Similar Part No. - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450ASN27T1 ONSEMI-NCP1450ASN27T1 Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
More results

Similar Description - NCP1450ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com