Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE2596 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AE2596
Description  SIMPLE SWITCHER POWER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AE2596 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AE2596 Datasheet HTML 4Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 5Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 6Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 7Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 8Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 9Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 10Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 11Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CCM
AE2596
Specification
D1
L1
L
O
A
D
DC INPUT
OUTPUT
R1
1K
R2
Cff
Cout
Cin
Feedback
Output
4
2
3 GND
5 ON/OFF
1
+Vin
AE2596
ADJ
AE2596
where VREF = 1.23V, VOUT=VREF(1 +
1
2
R
R
)
R2=R1(
REF
OUT
V
V
- 1)
Select R1 to be approximately 1 k
, use a 1% resistor for best stability.
 
CIN —470 µF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT —220 µF, 35V Aluminum Electrolytic, Nichicon “PL Series”
D1 —5A, 40V Schottky Rectifier, 1N5825
L1 —68 µH, L38
R1 —1 k
, 1%
 
CFF —See Application Information Section
Note: Keep Feedback wiring away from inductor flux and heavy line must be kept short and use
ground plane construction or best results.
● Typical Application circuit
L1
33uH
5.0V
3A Load
DC12V
D1
IN5824
Cin
680uF
Cout
220uF
Feedback
Output
4
2
3
GND
5
ON/OFF
1
+Vin
AE2596
5.0
AE1501
AE2596
● Pin Functions
+VIN
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor
must be present at this pin to minimize voltage transients and to supply the switching currents
8
www.DataSheet4U.com


Similar Part No. - AE2596

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
AE2501B KOOCHIN-AE2501B Datasheet
211Kb / 4P
AE2501B is a monolithic full_bridge driver.
logo
Kemet Corporation
AE2525D15DF KEMET-AE2525D15DF Datasheet
5Mb / 30P
Multilayer Piezoelectric Actuators AE Series Resin Coated
logo
NEC
AE2525D15F NEC-AE2525D15F Datasheet
1Mb / 27P
Multilayer Piezoelectric Actuators
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results

Similar Description - AE2596

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
SIMPLE SWITCHER Power Converter
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Module
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
SIMPLE SWITCHER Step-Down Converter
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
3A SIMPLE SWITCHER Power Module
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
Simple Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com