Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE2596 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AE2596
Description  SIMPLE SWITCHER POWER CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AE2596 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AE2596 Datasheet HTML 1Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 2Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 3Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 4Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 5Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 6Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 7Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 8Page - List of Unclassifed Manufacturers AE2596 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CCM
AE2596
Specification
each pin.
Note 3: Typical numbers are at 25
℃ and represent the most likely norm.
Note4: All limits guaranteed at room temperature (standard type face) and at t emperature
extremes (bold type face). All room temperature limits are 100%
production tested. All
limits at temperature extremes are guaranteed via correlation using standard Statistical
Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
Note5: External components such as the catch diode, inductor, input and output capacitors, and
voltage programming resistors can affect switching regulator system performance.
Note6: The switching frequency is reduced when the second stage current limit is
activated.
Note7: No diode, inductor or capacitor connected to output pin.
Note8: Feedback pin removed from output and connected to 0V to force the output transistor
switch ON.
Note9: Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the ADJ.
version, and 15V for the 12V version, to force the output transistor switch OFF.
Note10: VIN = 40V.
Note11: Junction to ambient thermal resistance (no external heat sink) for the TO-220 package
mounted vertically, with the leads soldered to a printed circuit board with (1 oz.)copper
area of approximately 1 in
2.
5
www.DataSheet4U.com


Similar Part No. - AE2596

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
AE2501B KOOCHIN-AE2501B Datasheet
211Kb / 4P
   AE2501B is a monolithic full_bridge driver.
logo
Kemet Corporation
AE2525D15DF KEMET-AE2525D15DF Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
logo
NEC
AE2525D15F NEC-AE2525D15F Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results

Similar Description - AE2596

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com