Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA64-16AC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATMEGA64-16AC
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATMEGA64-16AC Datasheet HTML 5Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 6Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 7Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 8Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 9Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 10Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 11Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 12Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
ATmega64(L)
2490LS–AVR–10/06
(0x60)
Reserved
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
12
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
14
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
14
0x3C (0x5C)
XDIV
XDIVEN
XDIV6
XDIV5
XDIV4
XDIV3
XDIV2
XDIV1
XDIV0
39
0x3B (0x5B)
Reserved
0x3A (0x5A)
EICRB
ISC71
ISC70
ISC61
ISC60
ISC51
ISC50
ISC41
ISC40
92
0x39 (0x59)
EIMSK
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
93
0x38 (0x58)
EIFR
INTF7
INTF6
INTF5
INTF4
INTF3
INTF
INTF1
INTF0
93
0x37 (0x57)
TIMSK
OCIE2
TOIE2
TICIE1
OCIE1A
OCIE1B
TOIE1
OCIE0
TOIE0
110, 141, 161
0x36 (0x56)
TIFR
OCF2
TOV2
ICF1
OCF1A
OCF1B
TOV1
OCF0
TOV0
110, 143, 161
0x35 (0x55)
MCUCR
SRE
SRW10
SE
SM1
SM0
SM2
IVSEL
IVCE
32, 47, 65
0x34 (0x54)
MCUCSR
JTD
JTRF
WDRF
BORF
EXTRF
PORF
56, 258
0x33 (0x53)
TCCR0
FOC0
WGM00
COM01
COM00
WGM01
CS02
CS01
CS00
105
0x32 (0x52)
TCNT0
Timer/Counter0 (8 Bit)
107
0x31 (0x51)
OCR0
Timer/Counter0 Output Compare Register
107
0x30 (0x50)
ASSR
AS0
TCN0UB
OCR0UB
TCR0UB
108
0x2F (0x4F)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
COM1C1
COM1C0
WGM11
WGM10
134
0x2E (0x4E)
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
137
0x2D (0x4D)
TCNT1H
Timer/Counter1 – Counter Register High Byte
139
0x2C (0x4C)
TCNT1L
Timer/Counter1 – Counter Register Low Byte
139
0x2B (0x4B)
OCR1AH
Timer/Counter1 – Output Compare Register A High Byte
140
0x2A (0x4A)
OCR1AL
Timer/Counter1 – Output Compare Register A Low Byte
140
0x29 (0x49)
OCR1BH
Timer/Counter1 – Output Compare Register B High Byte
140
0x28 (0x48)
OCR1BL
Timer/Counter1 – Output Compare Register B Low Byte
140
0x27 (0x47)
ICR1H
Timer/Counter1 – Input Capture Register High Byte
141
0x26 (0x46)
ICR1L
Timer/Counter1 – Input Capture Register Low Byte
141
0x25 (0x45)
TCCR2
FOC2
WGM20
COM21
COM20
WGM21
CS22
CS21
CS20
158
0x24 (0x44)
TCNT2
Timer/Counter2 (8 Bit)
160
0x23 (0x43)
OCR2
Timer/Counter2 Output Compare Register
161
0x22 (0x42)
OCDR
IDRD/
OCDR7
OCDR6
OCDR5
OCDR4
OCDR3
OCDR2
OCDR1
OCDR0
255
0x21 (0x41)
WDTCR
WDCE
WDE
WDP2
WDP1
WDP0
58
0x20 (0x40)
SFIOR
TSM
ACME
PUD
PSR0
PSR321
73, 112, 146, 229
0x1F (0x3F)
EEARH
EEPROM Address Register High Byte
22
0x1E (0x3E)
EEARL
EEPROM Address Register Low Byte
22
0x1D (0x3D)
EEDR
EEPROM Data Register
22
0x1C (0x3C)
EECR
EERIE
EEMWE
EEWE
EERE
22
0x1B (0x3B)
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
88
0x1A (0x3A)
DDRA
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
88
0x19 (0x39)
PINA
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
88
0x18 (0x38)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
88
0x17 (0x37)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
88
0x16 (0x36)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
88
0x15 (0x35)
PORTC
PORTC7
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
88
0x14 (0x34)
DDRC
DDC7
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
88
0x13 (0x33)
PINC
PINC7
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
89
0x12 (0x32)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
89
0x11 (0x31)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
89
0x10 (0x30)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
89
0x0F (0x2F)
SPDR
SPI Data Register
170
0x0E (0x2E)
SPSR
SPIF
WCOL
SPI2X
170
0x0D (0x2D)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
168
0x0C (0x2C)
UDR0
USART0 I/O Data Register
189
0x0B (0x2B)
UCSR0A
RXC0
TXC0
UDRE0
FE0
DOR0
UPE0
U2X0
MPCM0
190
0x0A (0x2A)
UCSR0B
RXCIE0
TXCIE0
UDRIE0
RXEN0
TXEN0
UCSZ02
RXB80
TXB80
191
0x09 (0x29)
UBRR0L
USART0 Baud Rate Register Low
194
0x08 (0x28)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
230
0x07 (0x27)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
245
0x06 (0x26)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
247
0x05 (0x25)
ADCH
ADC Data Register High Byte
248
0x04 (0x24)
ADCL
ADC Data Register Low byte
248
0x03 (0x23)
PORTE
PORTE7
PORTE6
PORTE5
PORTE4
PORTE3
PORTE2
PORTE1
PORTE0
89
0x02 (0x22)
DDRE
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
DDE1
DDE0
89
0x01 (0x21)
PINE
PINE7
PINE6
PINE5
PINE4
PINE3
PINE2
PINE1
PINE0
89
Register Summary (Continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA64-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64-16AC ATMEL-ATMEGA64-16AC Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA64-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com